Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C128 Datasheet (PDF) - Advanced Micro Devices

AM27C128 Datasheet PDF - Advanced Micro Devices
Part # AM27C128
Download  AM27C128 Download
File Size   171.86 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 112dB 192kHz 24-BIT SCH DAC

AM27C128 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM27C128 Datasheet PDF - Advanced Micro Devices

Part # AM27C128
Download  AM27C128 Click to download

File Size   171.86 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 112dB 192kHz 24-BIT SCH DAC

AM27C128 Datasheet (HTML) - Advanced Micro Devices


AM27C128 Product details

GENERAL DESCRIPTION

The Am27C128 is a 128-Kbit, ultraviolet erasable programmable read-only memory. It is organized as 16 Kwords by 8 bits per word, operates from a single +5 V supply, has a static standby mode, and features fast single address location programming. Products are available in windowed ceramic DIP packages, as well as plastic one time programmable (OTP) PDIP and PLCC packages.



DISTINCTIVE CHARACTERISTICS

■ Fast access time

   — Speed options as fast as 45 ns

■ Low power consumption

   — 20 µA typical CMOS standby current

■ JEDEC-approved pinout

■ Single +5 V power supply

■ ±10% power supply tolerance standard

■ 100% Flashrite™ programming

   — Typical programming time of 2 seconds

■ Latch-up protected to 100 mA from –1 V to VCC + 1 V

■ High noise immunity

■ Versatile features for simple interfacing

   — Both CMOS and TTL input/output compatibility

   — Two line control functions

■ Standard 28-pin DIP, PDIP, and 32-pin PLCC packages



 




Similar Part No. - AM27C128

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-120 AMD-AM27C1024-120 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-150 AMD-AM27C1024-150 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-200 AMD-AM27C1024-200 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C1024-255 AMD-AM27C1024-255 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
More results


Similar Description - AM27C128

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
112dB 192kHz 24-BIT SCH DAC
logo
Advanced Linear Devices
ALD555 ALD-ALD555 Datasheet
35Kb / 4P
112dB 192kHz 24-BIT SCH DAC
logo
Asahi Kasei Microsystem...
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
112dB 192kHz 24-Bit 2ch DAC
logo
Wolfson Microelectronic...
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4382AVT AKM-AK4382AVT Datasheet
184Kb / 21P
112dB 192kHz 24-Bit 2ch DS DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com