Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8516 Datasheet (PDF) - Maxim Integrated Products

MAX8516 Datasheet PDF - Maxim Integrated Products
Part # MAX8516
Download  MAX8516 Download
File Size   181.75 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators

MAX8516 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8516 Datasheet PDF - Maxim Integrated Products

Part # MAX8516
Download  MAX8516 Click to download

File Size   181.75 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators

MAX8516 Datasheet (HTML) - Maxim Integrated Products


MAX8516 Product details

General Description

The MAX8516/MAX8517/MAX8518 low-dropout linear regulators operate from input voltages as low as 1.425V and are able to deliver up to 1A of continuous output current with a maximum dropout voltage of only 200mV. The output voltage can be set from 0.5V to (VIN - 0.2V) and is 1.4% accurate over load and line variations, from 0°C to +85°C.

These regulators use small, 1µF ceramic input capacitors and 4.7µF ceramic output capacitors to deliver 1A output current. High bandwidth provides excellent transient response and limits the output voltage deviation to 45mV for a 20mA to 1A load step, with only a 4.7µF ceramic output capacitor, and the voltage deviations can be reduced further by increasing the output capacitor.



Features

♦ 1.425V to 3.6V Input Voltage Range

♦ Guaranteed 200mV Dropout at 1A Output Current

♦ ±1.4% Output Accuracy Over Load, Line, and Temperature (0°C to +85°C), ±0.6% Initial Accuracy

♦ Compatible with Ceramic Capacitors

♦ Fast Transient Response

♦ 320µA Operating Supply Current

♦ <25µA Shutdown Supply Current

♦ Short-Circuit Protection

♦ Thermal-Overload Protection

♦ Soft-Start Limits Inrush Current



Applications

  Servers

  Storage

  Networking

  Base Stations

  Optical Modules

  Post Regulators

  Notebooks

  PDAs

  ATE



 




Similar Part No. - MAX8516

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8516 MAXIM-MAX8516 Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8516EUB MAXIM-MAX8516EUB Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX8516EUB MAXIM-MAX8516EUB Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
More results


Similar Description - MAX8516

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
MAX15027 MAXIM-MAX15027 Datasheet
347Kb / 10P
1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Rev 0; 3/09
MAX15029 MAXIM-MAX15029 Datasheet
170Kb / 10P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 0; 4/09
MAX8526 MAXIM-MAX8526_09 Datasheet
191Kb / 10P
1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 2; 8/09
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
logo
Excelliance MOS Corp.
EM5105 EXCELLIANCE-EM5105 Datasheet
416Kb / 10P
1A Low Dropout LDO
logo
Maxim Integrated Produc...
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com