Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15029 Datasheet (PDF) - Maxim Integrated Products

MAX15029 Datasheet PDF - Maxim Integrated Products
Part # MAX15029
Download  MAX15029 Download
File Size   170.72 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input

MAX15029 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15029 Datasheet PDF - Maxim Integrated Products

Part # MAX15029
Download  MAX15029 Click to download

File Size   170.72 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input

MAX15029 Datasheet (HTML) - Maxim Integrated Products


MAX15029 Product details

General Description
The MAX15029/MAX15030 low-dropout linear regulators operate from input voltages as low as 1.425V and deliver up to 500mA of continuous output current with a typical dropout voltage of only 40mV. The output voltage is adjustable from 0.5V to VIN and is ±2% accurate over load and line variations, from -40°C to +125°C. The MAX15030 features a BIAS input of 3V to 5.5V from an always-on power supply. The BIAS input current is reduced down to less than 2μA during the shutdown.

Features
● 1.425V to 3.6V Input Voltage Range
● Output Voltage Programmable from 0.5V to VIN
● Guaranteed Maximum 150mV Dropout for Standard
    Package and 190mV Dropout for Side-Wettable
    Package at 500mA Output Current
● 2% Output Accuracy Over Load, Line, and Temperature
● Stable with Ceramic Capacitors
● Fast Transient Response
● 60μA Operating Bias Supply Current
● 1.2μA Shutdown Bias Supply Current
● Short-Circuit and Thermal Protection
● -40°C to +125°C Operating Temperature Range
● Soft-Start Limits Inrush Current
● Thermally Enhanced 3mm x 3mm TDFN Package

Applications
● Automotive (Dead-Man LDO)
● Servers
● Storage
● Networking
● Base Stations
● Optical Modules
● ATE




Similar Part No. - MAX15029

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15029 MAXIM-MAX15029 Datasheet
211Kb / 11P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
MAX15029AGA/VY+ MAXIM-MAX15029AGA/VY+ Datasheet
782Kb / 12P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15029ATB+ MAXIM-MAX15029ATB+ Datasheet
319Kb / 11P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029ATB+ MAXIM-MAX15029ATB+ Datasheet
782Kb / 12P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
MAX15029ATB/V+ MAXIM-MAX15029ATB/V+ Datasheet
319Kb / 11P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
More results


Similar Description - MAX15029

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G936 GMT-G936 Datasheet
230Kb / 8P
3.6V 500mA/400mA Low Dropout Regulator
logo
Maxim Integrated Produc...
MAX8516 MAXIM-MAX8516 Datasheet
181Kb / 9P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04
MAX8526 MAXIM-MAX8526 Datasheet
263Kb / 9P
1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 1; 5/05
MAX15027 MAXIM-MAX15027 Datasheet
347Kb / 10P
1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
Rev 0; 3/09
MAX8526 MAXIM-MAX8526_09 Datasheet
191Kb / 10P
1.425V to 3.6V Input, 2A, 0.2V Dropout LDO Regulators
Rev 2; 8/09
MAX8516 MAXIM-MAX8516_09 Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09
MAX15029 MAXIM-MAX15029_11 Datasheet
319Kb / 11P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 1; 2/11
MAX15029 MAXIM-MAX15029_12 Datasheet
211Kb / 11P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
Rev 3; 1/12
MAX8516EUB-T MAXIM-MAX8516EUB-T Datasheet
190Kb / 10P
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09
MAX15029 MAXIM-MAX15029_V01 Datasheet
782Kb / 12P
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com