Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273512 Datasheet (PDF) - PHOENIX CONTACT

3273512 Datasheet PDF - PHOENIX CONTACT
Part # 3273512
Download  3273512 Download
File Size   626.59 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/18X2,5-G GN

3273512 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273512 Datasheet PDF - PHOENIX CONTACT

Part # 3273512
Download  3273512 Click to download

File Size   626.59 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/18X2,5-G GN

3273512 Datasheet (HTML) - PHOENIX CONTACT


3273512 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: adhesive, color: green

Your advantages
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants




Similar Part No. - 3273512

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273510 PHOENIX-3273510 Datasheet
624Kb / 28P
Distribution block - PTFIX 6/18X2,5-G YE
Jul 20, 2022
3273514 PHOENIX-3273514 Datasheet
625Kb / 29P
Distribution block - PTFIX 6/18X2,5-G BN
Jun 23, 2022
3273516 PHOENIX-3273516 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/18X2,5-G WH
Jun 15, 2022
3273518 PHOENIX-3273518 Datasheet
624Kb / 29P
Distribution block - PTFIX 6/18X2,5-G BK
Jun 22, 2022
More results


Similar Description - 3273512

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273118 PHOENIX-3273118 Datasheet
910Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35 GN
May 13, 2022
3273250 PHOENIX-3273250 Datasheet
913Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS35A GN
Jun 7, 2022
3273506 PHOENIX-3273506 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/18X2,5-G BU
Jun 3, 2022
3273316 PHOENIX-3273316 Datasheet
711Kb / 31P
Distribution block - PTFIX 18X2,5 GN
Jun 24, 2022
3273382 PHOENIX-3273382 Datasheet
713Kb / 32P
Distribution block - PTFIX 6/18X2,5 GN
Jun 3, 2022
3273504 PHOENIX-3273504 Datasheet
625Kb / 29P
Distribution block - PTFIX 6/18X2,5-G GY
Jun 15, 2022
3273508 PHOENIX-3273508 Datasheet
625Kb / 29P
Distribution block - PTFIX 6/18X2,5-G RD
Jun 15, 2022
3273446 PHOENIX-3273446 Datasheet
622Kb / 27P
Distribution block - PTFIX 18X2,5-G GN
Jun 22, 2022
3273520 PHOENIX-3273520 Datasheet
626Kb / 29P
Distribution block - PTFIX 6/18X2,5-G VT
Jun 29, 2022
3274218 PHOENIX-3274218 Datasheet
915Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS15A GN
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com