Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1513T1 Datasheet (PDF) - Freescale Semiconductor, Inc

MRF1513T1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MRF1513T1
Download  MRF1513T1 Download
File Size   479.56 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor N−Channel Enhancement−Mode Lateral MOSFET

MRF1513T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF1513T1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MRF1513T1
Download  MRF1513T1 Click to download

File Size   479.56 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor N−Channel Enhancement−Mode Lateral MOSFET

MRF1513T1 Datasheet (HTML) - Freescale Semiconductor, Inc


MRF1513T1 Product details

RF Power Field Effect Transistor
N-Channel Enhancement-Mode Lateral MOSFET

Designed for broadband commercial and industrial applications with frequencies to 520 MHz. The high gain and broadband performance of this device make it ideal for large-signal, common source amplifier applications in 7.5 volt portable and 12.5 volt mobile FM equipment.

• Specified Performance @ 520 MHz, 12.5 Volts
    Output Power — 3 Watts
    Power Gain — 15 dB
    Efficiency — 65%
• Capable of Handling 20:1 VSWR, @ 15.5 Vdc, 520 MHz, 2 dB Overdrive

Features
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• N Suffix Indicates Lead-Free Terminations. RoHS Compliant.
• In Tape and Reel. T1 Suffix = 1,000 Units per 12 mm, 7 Inch Reel.




Similar Part No. - MRF1513T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1513N FREESCALE-MRF1513N Datasheet
509Kb / 16P
RF Power Field Effect Transistor
MRF1513NT1 FREESCALE-MRF1513NT1 Datasheet
476Kb / 16P
RF Power Field Effect Transistor
MRF1513NT1 FREESCALE-MRF1513NT1 Datasheet
509Kb / 16P
RF Power Field Effect Transistor
MRF1513NT1 FREESCALE-MRF1513NT1_08 Datasheet
476Kb / 16P
RF Power Field Effect Transistor
MRF1513NT1_0806 FREESCALE-MRF1513NT1_0806 Datasheet
509Kb / 16P
RF Power Field Effect Transistor
More results


Similar Description - MRF1513T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF9060 FREESCALE-MRF9060 Datasheet
237Kb / 12P
RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
MRF9080LR3 FREESCALE-MRF9080LR3 Datasheet
316Kb / 12P
RF Power Field Effect Transistors(N−Channel Enhancement−Mode Lateral MOSFETs)
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com