Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS2DPF80 Datasheet (PDF) - STMicroelectronics

STS2DPF80 Datasheet PDF - STMicroelectronics
Part # STS2DPF80
Download  STS2DPF80 Download
File Size   224.38 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL P-CHANNEL 80V - 0.21 Ohm - 2.3A SO-8

STS2DPF80 Datasheet (PDF)

Go To PDF Page Download Datasheet
STS2DPF80 Datasheet PDF - STMicroelectronics

Part # STS2DPF80
Download  STS2DPF80 Click to download

File Size   224.38 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL P-CHANNEL 80V - 0.21 Ohm - 2.3A SO-8

STS2DPF80 Datasheet (HTML) - STMicroelectronics


STS2DPF80 Product details

DESCRIPTION
This application specific Power MOSFET is the second generation of STMicroelectronis unique "Single Feature Size™" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

■ TYPICAL RDS(on) = 0.21 Ω
■ STANDARD OUTLINE FOR EASY AUTOMATED SURFACE MOUNT ASSEMBLY

APPLICATIONS
■ DC/DC CONVERTERS
■ BATTERY MANAGEMENT IN NOMADIC EQUIPMENT
■ POWER MANAGEMENT IN CELLULAR PHONES AND DISPLAY NEW GENERATION




Similar Part No. - STS2DPF80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DPF20V STMICROELECTRONICS-STS2DPF20V Datasheet
117Kb / 6P
DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2001
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET™ II MOSFET PLUS SCHOTTKY DIODE
Nov-2002
More results


Similar Description - STS2DPF80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET™ POWER MOSFET
Jun-2002
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Feb-2002
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Apr-2002
STS6PF30L STMICROELECTRONICS-STS6PF30L Datasheet
295Kb / 8P
P-CHANNEL 30V - 0.027 ohm - 6A SO-8 STripFET™ POWER MOSFET
May-2003
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
logo
Fairchild Semiconductor
HUFA76504DK8 FAIRCHILD-HUFA76504DK8 Datasheet
313Kb / 13P
2.3A, 80V, 0.222 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
STMicroelectronics
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
16-Sep-2004
logo
Central Semiconductor C...
PB_CMPDM202PH-1509 CENTRAL-PB_CMPDM202PH-1509 Datasheet
1Mb / 2P
20V, 2.3A P-Channel MOSFET
logo
ON Semiconductor
MMDF4P03HD ONSEMI-MMDF4P03HD Datasheet
207Kb / 8P
P-channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com