Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS2DPF80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS2DPF80
Description  DUAL P-CHANNEL 80V - 0.21 Ohm - 2.3A SO-8
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS2DPF80 Datasheet(HTML) 1 Page - STMicroelectronics

  STS2DPF80 Datasheet HTML 1Page - STMicroelectronics STS2DPF80 Datasheet HTML 2Page - STMicroelectronics STS2DPF80 Datasheet HTML 3Page - STMicroelectronics STS2DPF80 Datasheet HTML 4Page - STMicroelectronics STS2DPF80 Datasheet HTML 5Page - STMicroelectronics STS2DPF80 Datasheet HTML 6Page - STMicroelectronics STS2DPF80 Datasheet HTML 7Page - STMicroelectronics STS2DPF80 Datasheet HTML 8Page - STMicroelectronics STS2DPF80 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
June 2004
STS2DPF80
DUAL P-CHANNEL 80V - 0.21
Ω - 2.3A SO-8
STripFET™ POWER MOSFET
Rev.0.1
■
TYPICAL RDS(on) = 0.21
Ω
■
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
DESCRIPTION
This application specific Power MOSFET is the
second generation of STMicroelectronis unique
"Single Feature Size™" strip-based process. The
resulting transistor shows extremely high packing
density for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing reproduc-
ibility.
APPLICATIONS
■
DC/DC CONVERTERS
■
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
■
POWER MANAGEMENT IN CELLULAR
PHONES AND DISPLAY NEW GENERATION
Ordering Information
TYPE
VDSS
RDS(on)
ID
STS2DPF80
80 V
<0.25
Ω
2.3 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STS8DPF80
S8DPF80
SO-8
TAPE & REEL
SO-8
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
Note: For the P-CHANNEL MOSFET actual polarity of voltages and
current has to be reversed
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
80
V
VDGR
Drain-gate Voltage (RGS = 20 k
Ω)
80
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C Single Operation
Drain Current (continuous) at TC = 100°C Single Operation
2.0
1.3
A
A
IDM(
•)
Drain Current (pulsed)
8
A
Ptot
Total Dissipation at TC = 25°C
2.5
W
Tstg
Storage Temperature
-55 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS2DPF80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DPF20V STMICROELECTRONICS-STS2DPF20V Datasheet
117Kb / 6P
DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET™ II POWER MOSFET
Aug-2001
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET™ II MOSFET PLUS SCHOTTKY DIODE
Nov-2002
More results

Similar Description - STS2DPF80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET™ POWER MOSFET
Jun-2002
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Feb-2002
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Apr-2002
STS6PF30L STMICROELECTRONICS-STS6PF30L Datasheet
295Kb / 8P
P-CHANNEL 30V - 0.027 ohm - 6A SO-8 STripFET™ POWER MOSFET
May-2003
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
logo
Fairchild Semiconductor
HUFA76504DK8 FAIRCHILD-HUFA76504DK8 Datasheet
313Kb / 13P
2.3A, 80V, 0.222 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
STMicroelectronics
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
16-Sep-2004
logo
Central Semiconductor C...
PB_CMPDM202PH-1509 CENTRAL-PB_CMPDM202PH-1509 Datasheet
1Mb / 2P
20V, 2.3A P-Channel MOSFET
logo
ON Semiconductor
MMDF4P03HD ONSEMI-MMDF4P03HD Datasheet
207Kb / 8P
P-channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com