Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDM10V Datasheet (PDF) - Infineon Technologies AG

CDM10V Datasheet PDF - Infineon Technologies AG
Part # CDM10V
Download  CDM10V Download
File Size   1518.49 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Flexible 0-10V Dimming Solution

CDM10V Datasheet (PDF)

Go To PDF Page Download Datasheet
CDM10V Datasheet PDF - Infineon Technologies AG

Part # CDM10V
Download  CDM10V Click to download

File Size   1518.49 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Flexible 0-10V Dimming Solution

CDM10V Datasheet (HTML) - Infineon Technologies AG


CDM10V Product details

Features
• Simplest 0-10 V design on the market. CDM10V comes with default settings:
- 5% minimum duty cycle
- 1kHz PWM frequency
- 200μA Dimmer/Resistor Bias current
- Dim-To-Off disabled
• The simple one time programmable option allows setting in a wide range:
- Minimum duty cycle: 1%, 2%, 5%, 10%
- PWM output frequency: 200Hz, 500Hz, 1kHz, 2kHz
- Dimmer/Resistor Bias Current: 50μA, 100μA, 200μA, 500μA
- Dim-to-Off: disabled/enabled
• Wide input Vcc range from 11 to 25 V
• Transparent PWM mode (PWM Bypass Mode in DIM-TO-OFF enabled mode)
• Replaces many external components with a single chip reducing BOM and PCB space
• Minimum variation from device to device
Applications
• LED Drivers needing 0-10 V Dimming Circuits
• Industrial and Commercial Dimmable Applications:
Luminaires, Troffers, Downlights, Sconces, Undercabinet, Office Lighting, Signage applications,
Dali applications
Description
CDM10V is a fully integrated 0-10 V dimming interface IC and comes in a SOT-23-6 package to cover space
requirements on small PCBs.
The device is targeted for various dimming applications in lighting. The IC can be used to transmit analog
voltage based signals from a 0-10 V dimmer or potentiometer to the dimming or PWM input of a lighting
controller IC in the form of a 5 mA current based PWM signal to drive an external opto-coupler. It replaces many
components in a traditional solution and reduces BOM and PCB space significantly.
The CDM10V IC outputs a 0 - 100% PWM current signal at programmable frequency with an amplitude value of 5
mA.
The duty cycle of the PWM signal can be limited to a dedicated minimum value. Dim-to-off feature is supported
as well and can be enabled on demand.
Embedded digital signal processing maintains minimum variations from device to device.




Similar Part No. - CDM10V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
Flexible 0-10V Dimming Solution
V1.1 2017-08-04
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
0-10V Dimming Solution
V1.0 2017-07-04
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
A 0-10V Dimming Solution
V1.1 2017-08-04
CDM10VD INFINEON-CDM10VD Datasheet
742Kb / 17P
Flexible 0-10V Dimming Solution
V1.1 2017-08-02
CDM10VD-2 INFINEON-CDM10VD-2 Datasheet
742Kb / 17P
Flexible 0-10V Dimming Solution
V1.1 2017-08-02
More results


Similar Description - CDM10V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
0-10V Dimming Solution
V1.0 2017-07-04
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
A 0-10V Dimming Solution
V1.1 2017-08-04
CDM10VD INFINEON-CDM10VD Datasheet
742Kb / 17P
Flexible 0-10V Dimming Solution
V1.1 2017-08-02
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
Flexible 0-10V Dimming Solution
V1.1 2017-08-04
logo
Leadtrend Technology
LD8116A LEADTREND-LD8116A Datasheet
821Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116B LEADTREND-LD8116B Datasheet
2Mb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116C LEADTREND-LD8116C Datasheet
738Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116D LEADTREND-LD8116D Datasheet
756Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
logo
Diodes Incorporated
AL8116 DIODES-AL8116 Datasheet
732Kb / 13P
FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
Rev. 2 - 2 April 2020
logo
List of Unclassifed Man...
XJ180C090V285PSF2M ETC-XJ180C090V285PSF2M Datasheet
1Mb / 10P
180W 0.1-0.9A 0-10V Dimming
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com