Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8116 Datasheet (PDF) - Diodes Incorporated

AL8116 Datasheet PDF - Diodes Incorporated
Part # AL8116
Download  AL8116 Download
File Size   732.29 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER

AL8116 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL8116 Datasheet PDF - Diodes Incorporated

Part # AL8116
Download  AL8116 Click to download

File Size   732.29 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER

AL8116 Datasheet (HTML) - Diodes Incorporated


AL8116 Product details

Features
- Wide VCC Operating Range 10V to 56V
- Low Operation Current (Typical 600μA)
- Precision Dimmer Type with
- Voltage Potential: 0/1V to 10V
- PWM Dimming: 0.2k to 10kHz
- Potentiometer: 0 to 100k
- Adjustable Bias Current Source of DIM Pin
- Accurate Output Duty Cycle Tolerance ±2.5%
- Adjustable Minimum Output PWM Duty Clamping: 8%, 6%, 4%, and 2%
- Built-In Over Temperature Protection for Chip
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- 0 to 10V Dimming Luminaires
- Dimmable LED Power Supply
- Dimming Control Devices
- Commercial LED Lighting
- Smart LED Lighting




Similar Part No. - AL8116

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
AL8 RICHCO-AL8 Datasheet
52Kb / 1P
CABLE CLAMPS, ALUMINUM
01-18-95
logo
Schneider Electric
AL800M23K SCHNEIDER-AL800M23K Datasheet
81Kb / 1P
PowerPact M, P-FRAME MOULDED CASE CIRCUIT BREAKER MECHANICAL LUG KIT
Aug 9, 2019
AL800P6K SCHNEIDER-AL800P6K Datasheet
72Kb / 1P
PowerPact M, P-FRAME MOULDED CASE CIRCUIT BREAKER MECHANICAL LUG KIT
Aug 9, 2019
AL800P6K4 SCHNEIDER-AL800P6K4 Datasheet
73Kb / 1P
PowerPact M, P-FRAME MOULDED CASE CIRCUIT BREAKER 800A MECHANICAL LUG KIT (3)
Aug 9, 2019
logo
Optronics International
AL82AB OPTRONICS-AL82AB Datasheet
179Kb / 2P
FLEET Count LED Mini Thinline Sealed Marker/Clearance Lights
More results


Similar Description - AL8116

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
0-10V Dimming Solution
V1.0 2017-07-04
CDM10V-4 INFINEON-CDM10V-4 Datasheet
531Kb / 12P
A 0-10V Dimming Solution
V1.1 2017-08-04
CDM10VD INFINEON-CDM10VD Datasheet
742Kb / 17P
Flexible 0-10V Dimming Solution
V1.1 2017-08-02
CDM10V-2 INFINEON-CDM10V-2 Datasheet
1,003Kb / 12P
Flexible 0-10V Dimming Solution
V1.1 2017-08-04
logo
Leadtrend Technology
LD8116A LEADTREND-LD8116A Datasheet
821Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116B LEADTREND-LD8116B Datasheet
2Mb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116C LEADTREND-LD8116C Datasheet
738Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
LD8116D LEADTREND-LD8116D Datasheet
756Kb / 13P
Flexible Dimming Solution by PWM / 0-10V / Potentiometer
logo
Bright Power Semiconduc...
BP5001 BPS-BP5001 Datasheet
240Kb / 2P
0/1~10V, Resistor Dimming Interface Controller
logo
Infineon Technologies A...
CDM10V INFINEON-CDM10V Datasheet
1Mb / 22P
Flexible 0-10V Dimming Solution
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com