Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8116 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8116
Description  FLEXIBLE 0 TO 10V DIMMING SIGNAL INTERFACE CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8116 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8116 Datasheet HTML 1Page - Diodes Incorporated AL8116 Datasheet HTML 2Page - Diodes Incorporated AL8116 Datasheet HTML 3Page - Diodes Incorporated AL8116 Datasheet HTML 4Page - Diodes Incorporated AL8116 Datasheet HTML 5Page - Diodes Incorporated AL8116 Datasheet HTML 6Page - Diodes Incorporated AL8116 Datasheet HTML 7Page - Diodes Incorporated AL8116 Datasheet HTML 8Page - Diodes Incorporated AL8116 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AL8116
Document number: DS42629 Rev. 2 - 2
4 of 13
www.diodes.com
April 2020
© Diodes Incorporated
AL8116
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Voltage at VCC Pin
-0.3 to +60
V
VOUT
Voltage at OUT Pin
-0.3 to +60
V
IOUT
OUT Sink Current
30
mA
VDIM
Voltage at DIM Pin
-0.3 to +20
V
VISET, VCLAMP
Voltages at ISET, CLAMP Pins
-0.3 to +6
V
TLEAD
Lead Temperature (Soldering, 10s)
+260
°C
TJ
Operating Junction Temperature
-40 to +150
°C
TST
Storage Temperature
-65 to +150
°C
—
ESD (Human Body Model)
2.5
kV
—
ESD (Charged-Device Model)
1000
V
Thermal Information (Note 5)
Package
θJC
Thermal Resistance
Junction-to-Case
θJA
Thermal Resistance
Junction-to-Ambient
PD
TA = +85°C
SOT26 (Type CJ)
60°C/W
240°C/W
200mW
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.) (Note 6)
Symbol
Parameter
Min
Max
Unit
VCC
Supply VCC Voltage
10
56
V
VOUT
Input Voltage on OUT Pin
—
56
V
TJ
Operating Junction Temperature
-40
+125
°C
RISET
Resistor of ISET Pin
33
330
kΩ
IDIM_SOURCE
Source Current of DIM Pin
—
300
μA
VDIM
Input Voltage of DIM Pin
0
13
V
fDIM
Input PWM Frequency of DIM Pin
0.5
5
kHz
CDIM
Capacitor of DIM Pin (CDIM) (Note 7)
330
1000
pF
RDIM
Resistance of DIM Pin (RDIM) (Note
7)
1
6.5
kΩ
—
PWM Signal Input Rising and Falling Time Rate
3
—
V/μs
VDIM_PWM_H
High Voltage Level PWM Signal Input on DIM Pin
3.2
13
V
VDIM_PWM_L
Low Voltage Level PWM Signal Input on DIM Pin
—
1.2
V
IOUT_SINK
Sink Current of OUT Pin
—
20
mA
TA
Ambient Temperature
-40
+105
°C
Notes:
4. Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied.
Exposure to Absolute Maximum Ratings for extended periods can affect device reliability. All voltages unless otherwise stated and measured with
respect to GND.
5. Test condition: d
evice mounted on 1”
 1” FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.
6.
It’s essential to connect VCC pin with a SMD ceramic capacitor (0.1μF to 0.47μF) to filter out the undesired switching noise for stable operation.
This capacitor should be placed as close to IC as possible.
7. Test condition is RISET = 100k. (This mean is IDIM = 100μA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com