Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLM0010 Datasheet (PDF) - Infineon Technologies AG

NLM0010 Datasheet PDF - Infineon Technologies AG
Part # NLM0010
Download  NLM0010 Download
File Size   505.97 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output

NLM0010 Datasheet (PDF)

Go To PDF Page Download Datasheet
NLM0010 Datasheet PDF - Infineon Technologies AG

Part # NLM0010
Download  NLM0010 Click to download

File Size   505.97 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output

NLM0010 Datasheet (HTML) - Infineon Technologies AG


NLM0010 Product details

2 Feature Overview
NLM0011/NLM0010 product features are given here.
Product Features
Contactless Interface
• Physical interface and Anti collision compliant to ISO/ IEC 18000-3 mode 1 (ISO/IEC 15693)
- contactless transmission of data and supply energy
- data rate up to 26.69 kbit/s
- operation frequency: 13.56 MHz
- Anti-collision method complying with ISO/IEC 18000-3 mode 1 with identification rate of up to 50 tags/s
• AFI according ISO/IEC 18000-3 mode 1
• Read / write distance up to 150 cm (influenced by external circuitry i.e. reader and antenna design)
Command Set
• Support of error codes 01H, 0FH, 10H, 12H according to ISO/ IEC 18000-3 mode 1
• If a command is sent to the NLM0011/NLM0010 which has an invalid frame length no response is returned
• Following command set is supported:
- Inventory (command code 01H)
- StayQuiet (command code 02H)
- ReadSingleBlock (command code 20H)
- WriteSingleBlock (command code 21H)
- Select (command code 25H)
- ResetToReady (command code 26H)
- WriteAFI (command code 27H)
- LockAFI (command code 28H)
- WriteByte (custom command - ISO command code A0H; custom embedded command code 90H)
Non Volatile Memory (NVM)
An Infineon EEPROM is used.
• size 576 Bit
• User area 52 bytes, organized in 13 free user blocks
• Each block organized in 4 bytes
• Service area 12 bytes
• Unique chip identification number
• Each block can be permanently locked against overwriting
• EEPROM programming time per page < 4 ms
• EEPROM endurance minimum 100,000 erase/write cycles
• Data retention minimum 10 years
Supply Concept
operation mode dependent:
• in Lighting Operation mode the chip is supplied by external voltage source
- external supply voltage in the range of 3 … 5V
- internal voltage regulator (LDO) is generating a stabilized internal supply
- if external supply voltage is present, then the device cannot be supplied by harvesting energy from the
NFC field




Similar Part No. - NLM0010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
NLMD5820MUTAG ONSEMI-NLMD5820MUTAG Datasheet
218Kb / 21P
2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
More results


Similar Description - NLM0010

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
World Produts Inc.
WPANTDP111-C1A WPI-WPANTDP111-C1A Datasheet
97Kb / 2P
NFC Antenna
logo
ams AG
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
NFC Initiator / HF Reader IC
2016-Jun-13
logo
STMicroelectronics
ST25DV02K-W1 STMICROELECTRONICS-ST25DV02K-W1 Datasheet
912Kb / 74P
Dynamic NFC/RFID tag IC with up to two PWM outputs and 2-Kbit EEPROM
30-Aug-2019
logo
NXP Semiconductors
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
NFC frontend
Rev. 3.3 ??19 April 2022
NTP5210 NXP-NTP5210 Datasheet
868Kb / 89P
NTAG 5 switch - NFC Forum-compliant PWM and GPIO bridge
Rev. 3.3 ??3 July 2020
logo
Renesas Technology Corp
PTX105R RENESAS-PTX105R Datasheet
529Kb / 10P
PTX105R NFC Reader IC
June 2022
logo
NXP Semiconductors
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
NFC frontend
Rev. 3.7 - 6 November 2023
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com