Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5X09A16 Datasheet (PDF) - Infineon Technologies AG

TLE5X09A16 Datasheet PDF - Infineon Technologies AG
Part # TLE5X09A16
Download  TLE5X09A16 Download
File Size   1264.95 Kbytes
Page   33 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Analog AMR/GMR Angle Sensors

TLE5X09A16 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE5X09A16 Datasheet PDF - Infineon Technologies AG

Part # TLE5X09A16
Download  TLE5X09A16 Click to download

File Size   1264.95 Kbytes
Page   33 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Analog AMR/GMR Angle Sensors

TLE5X09A16 Datasheet (HTML) - Infineon Technologies AG


TLE5X09A16 Product details

Features
• Single and dual die sensor with AMR or GMR technology
• Separate supply pins for top and bottom sensor
• Low current consumption and quick start up
• 180°(AMR) and 360°(GMR) contactless angle measurement
• Output amplitude optimized for circuits with 3.3 V or 5 V supply voltage
• Immune to airgap variations due to MR based sensing principle
• Automotive qualified Q100, Grade 1: -40°C to 125°C (ambient temperature)
• Pre-amplified output signals for differential or single-ended applications
• Diverse redundance combination of GMR sensor and AMR sensor in one package possible
• High accuracy typically 0.1° overall angle error for AMR sensor
• Green product (RoHS compliant)




Similar Part No. - TLE5X09A16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5X09A16 INFINEON-TLE5X09A16 Datasheet
1Mb / 14P
Analog AMR/GMR Angle Sensor Evaluation Kit
2020-06-12 Rev. 1.0
TLE5X09A16D INFINEON-TLE5X09A16D Datasheet
1Mb / 14P
Analog AMR/GMR Angle Sensor Evaluation Kit
2020-06-12 Rev. 1.0
More results


Similar Description - TLE5X09A16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Feb-2001
logo
Murata Manufacturing Co...
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
AMR Sensors (Magnetic Switches)
logo
Infineon Technologies A...
TLE5309D INFINEON-TLE5309D Datasheet
1Mb / 30P
Separate supply pins for AMR and GMR sensor
Data Sheet V 1.1 2017-10
logo
Murata Manufacturing Co...
S48E MURATA-S48E Datasheet
529Kb / 4P
AMR Sensors (Magnetic Switches)
logo
Murata Manufacturing Co...
MS201A-001 MURATA1-MS201A-001 Datasheet
891Kb / 12P
AMR Sensors (Magnetic Sensors)
Ver.10.1
MS205A-001 MURATA1-MS205A-001 Datasheet
881Kb / 12P
AMR Sensors (Magnetic Sensors)
Ver.10.1
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com