Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6326 Datasheet (PDF) - STMicroelectronics

L6326 Datasheet PDF - STMicroelectronics
Part # L6326
Download  L6326 Download
File Size   58.03 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS

L6326 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6326 Datasheet PDF - STMicroelectronics

Part # L6326
Download  L6326 Click to download

File Size   58.03 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS

L6326 Datasheet (HTML) - STMicroelectronics


L6326 Product details

DESCRIPTION
The L6326 is a two channel BICMOS monolithic integrated circuit GMR pre-amplifier designed for use with four-terminal magneto-resistive (AMR and GMR heads) read/inductive write heads. The device consists of a voltage sense current bias or voltage bias (selectable), single ended input/ true differential output (RDX, RDY), low-noise high bandwidth read amplifier and includes fast current switching write drivers which support data rates up to 500 Mb/s with 90nH write heads.

■ Power Supplies +5Vdc, +8Vdc
■ Current bias or voltage bias (selectable) / Voltage sense architecture
■ Single ended read input
■ 24 pin TSSOP package, two channels
■ External Resistor for read and write currents or trimmed internal resistor available (serial port selectable)
■ Read channel -3dB bandwidth > 300MHz (Rmr=60 ohms, no interconnect)
■ Input equivalent preamplifier voltage noise 0.5nV/rtHz typ
■ Input equivalent MR bias current noise 10pA/rtHz typ
■ MR bias current programmable (5 bit DAC) 1.8- 8mA (GMR range), 3.8-10mA (AMR range)
■ MR bias voltage programmable (5 bit DAC) 100- 460mV (GMR range), 220-580mV (AMR range)
■ Programmable gain (100V and 150V)
■ Write frequency up to 250MHz (Lh=90nH,R=15 ohms, Ch=2pF, VDD=8V)
■ Rise/Fall time <0.7ns (Iw =40mA 0-pk, Lh=90nH, Rh=15 ohms, Ch=2pF, VDD=8V)
■ Write current programmable (5 bit DAC) 15-60mA
■ Overshoot control 3 bit resolution (+1 bit for range)
■ Bi-directional 16-bit TTLs Serial interface for head selection, read/write currents selection, chip parameters modification, chip enable, vendor code and fault status read back registers
■ 2-wire mode selection (R/W, MRR)
■ Bank write feature for servo write
■ Digital buffered head voltage DBHV / Analog buffered head voltage ABHV pin (gain 5)
■ Thermal asperity detection with adjustable sensitivity level (6 bit DAC)
■ Thermal asperity correction
■ Read head open/short detection
■ Low supply detect and temperature monitoring (high temperature warning and Analog Temperature
■ Diode Voltage measurement)
■ Low write frequency detection
■ WRITE to READ fast recovery 250ns (same head, including 150ns blanking period)
■ GMR Low-Bias in WRITE mode with fast recovery to READ mode bias (250ns)
■ Head-to-head switch in READ mode - 10µs (typ)
■ Head and MR bias current switching transient current head protection
■ READ-to-WRITE switching 30ns (same head)
■ Programmable read bias during write and bank write operation
■ ESD diodes for GMR protections
■ Differential Write Driver to minimize coupling to GMR element




Similar Part No. - L6326

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L632 CRYDOM-L632 Datasheet
585Kb / 4P
Power Modules
logo
STMicroelectronics
L6327 STMICROELECTRONICS-L6327 Datasheet
60Kb / 4P
6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER
Feb-2001
logo
Crydom Inc.,
L632F CRYDOM-L632F Datasheet
585Kb / 4P
Power Modules
More results


Similar Description - L6326

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6327 STMICROELECTRONICS-L6327 Datasheet
60Kb / 4P
6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER
Feb-2001
logo
List of Unclassifed Man...
LD3301-X ETC1-LD3301-X Datasheet
111Kb / 1P
1 and 2-Channel 5V or 3.3V GMR Head Preamplifier
logo
Torex Semiconductor
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Infineon Technologies A...
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
GMR Angle Sensor
May 2010 V1.1
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
LINEAR AMR SENSOR (2 mm)
logo
National Semiconductor ...
LM221 NSC-LM221 Datasheet
175Kb / 10P
Precision Preamplifiers
February 1995
logo
Infineon Technologies A...
TLE5309D INFINEON-TLE5309D Datasheet
1Mb / 30P
Separate supply pins for AMR and GMR sensor
Data Sheet V 1.1 2017-10
TLE5X09A16 INFINEON-TLE5X09A16 Datasheet
1Mb / 33P
Analog AMR/GMR Angle Sensors
V 2.0 2018-12
logo
VIGO Photonics S.A.
SIP VIGO-SIP Datasheet
814Kb / 2P
SIP series preamplifiers
18/03/2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com