Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6327 Datasheet (PDF) - STMicroelectronics

L6327 Datasheet PDF - STMicroelectronics
Part # L6327
Download  L6327 Download
File Size   60.08 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER

L6327 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6327 Datasheet PDF - STMicroelectronics

Part # L6327
Download  L6327 Click to download

File Size   60.08 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER

L6327 Datasheet (HTML) - STMicroelectronics


L6327 Product details

DESCRIPTION
L6327/L6332 is a BICMOS monolithic integrated circuit GMR differential preamplifier designed for use with four-terminal magneto-resistive GMR read/inductive write heads. It is available as either a six (L6327) or four (L6332) channel device. The devices consist of a voltage-sense, current-bias or voltage bias (selectable), differential input and differential output, low-noise, high bandwidth read amplifier and include fast current switching write drivers which support data rates in excess of 550 Mb/s with 70nH write heads.

■ Power Supplies +5Vdc, -5Vdc
■ Current bias or voltage bias (selectable) / Differential Voltage Sense architecture
■ 6 or 4 channel versions
■ 38-pin TSSOP package (for either 6 or 4 channels)
■ Internal reference Resistor for read and write currents
■ Read channel -3dB bandwidth > 400MHz (Rmr=50 ohm no interconnect)
■ Input equivalent preamplifier voltage noise 0.5nV/rtHz nominal
■ Input equivalent MR bias current noise 10 pA/ rtHz nominal
■ MR bias current programmable (5 bit DAC) 1.5- 7.0mA nominal MR bias voltage programmable (5 bit DAC) 65-335mV nominal
■ Programmable gain (100V/V, 150, 200 and 250V/V) and read bandwidth
■ Write frequency up to 300 MHz (Lh=70nH, Rh=20 ohms, Ch=2pF, VEE=-5V)
■ Rise/Fall time 0.6ns ( Iw =40mA 0-pk, Lh=70nH, Rh=20 ohms, Ch=2pF, VEE=-5V)
■ Write current programmable (5 bit DAC) 15-60mA
■ PECL write data input
■ Bi-directional 16-bit TTL Serial interface for head selection, read/write currents selection, chip parameters modification, chip enable, vendor code and fault status read back registers
■ 2-pin mode selection (R/W, MRR)
■ Bank write feature for servo write
■ Digital buffered head voltage DBHV / Analog buffered head voltage ABHV pin (gain 5)
■ Thermal asperity detection & correction with adjustable sensitivity level (6 bit DAC)
■ Automatic successive approximation digital measurement of temperature and Rmr (7 bits)
■ Read and write head open/short detection, low low supply detect and temperature monitoring (high temperature warning and Analog Temperature Diode Voltage measurement)
■ Low write frequency detection.
■ WRITE to READ fast recovery 150ns (same head, including 100ns blanking period)
■ Head-to-head switch in READ mode - 10µs (nom)
■ Head and MR bias current switching transient current head protection
■ READ-to-WRITE switching 50ns (same head)
■ Programmable read bias during write and bank write operation
■ ESD diode for GMR head protection




Similar Part No. - L6327

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L632 CRYDOM-L632 Datasheet
585Kb / 4P
Power Modules
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Feb-2001
logo
Crydom Inc.,
L632F CRYDOM-L632F Datasheet
585Kb / 4P
Power Modules
More results


Similar Description - L6327

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Feb-2001
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
List of Unclassifed Man...
LD3301-X ETC1-LD3301-X Datasheet
111Kb / 1P
1 and 2-Channel 5V or 3.3V GMR Head Preamplifier
logo
STMicroelectronics
L6316 STMICROELECTRONICS-L6316 Datasheet
48Kb / 6P
4-CHANNEL LOW POWER PREAMPLIFIER
Sep-2004
L6440 STMICROELECTRONICS-L6440 Datasheet
67Kb / 3P
4-Channel ultra low power GMR-TMR preamplifier for HDD applications
12-Jul-2006
logo
OptoDiode Corp
ODA-6WB-100M OPTODIODE-ODA-6WB-100M Datasheet
417Kb / 2P
BLUE/GREEN ENHANCED 6 mm2 PHOTODIODE-PREAMPLIFIER
logo
Infineon Technologies A...
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
GMR Angle Sensor
May 2010 V1.1
TLE5011 INFINEON-TLE5011_11 Datasheet
577Kb / 45P
GMR Angle Sensor
March 2011
logo
ON Semiconductor
LA3161 ONSEMI-LA3161 Datasheet
134Kb / 7P
2-Channel Preamplifier
August 2014 - Rev. 0
logo
OptoDiode Corp
ODA-6W-500M OPTODIODE-ODA-6W-500M_15 Datasheet
299Kb / 2P
NIR/RED ENHANCED 6 mm2 PHOTODIODE-PREAMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com