Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6327 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6327
Description  6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6327 Datasheet(HTML) 1 Page - STMicroelectronics

  L6327 Datasheet HTML 1Page - STMicroelectronics L6327 Datasheet HTML 2Page - STMicroelectronics L6327 Datasheet HTML 3Page - STMicroelectronics L6327 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
L6327
L6332
February 2001
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
Power Supplies +5Vdc, -5Vdc
s
Current bias or voltage bias (selectable) /
Differential Voltage Sense architecture
s
6 or 4 channel versions
s
38-pin TSSOP package (for either 6 or 4
channels)
s
Internal reference Resistor for read and write
currents
s
Read channel -3dB bandwidth > 400MHz
(Rmr=50 ohm no interconnect)
s
Input equivalent preamplifier voltage noise
0.5nV/rtHz nominal
s
Input equivalent MR bias current noise 10 pA/
rtHz nominal
s
MR bias current programmable (5 bit DAC) 1.5-
7.0mA nominal MR bias voltage programmable
(5 bit DAC) 65-335mV nominal
s
Programmable gain (100V/V, 150, 200 and
250V/V) and read bandwidth
s
Write frequency up to 300 MHz (Lh=70nH,
Rh=20 ohms, Ch=2pF, VEE=-5V)
s
Rise/Fall time 0.6ns ( Iw =40mA 0-pk, Lh=70nH,
Rh=20 ohms, Ch=2pF, VEE=-5V)
s
Write current programmable (5 bit DAC) 15-60mA
s
PECL write data input
s
Bi-directional 16-bit TTL Serial interface for
head selection, read/write currents selection,
chip parameters modification, chip enable,
vendor code and fault status read back registers
s
2-pin mode selection (R/W, MRR)
s
Bank write feature for servo write
s
Digital buffered head voltage DBHV / Analog
buffered head voltage ABHV pin (gain 5)
s
Thermal asperity detection & correction with
adjustable sensitivity level (6 bit DAC)
s
Automatic successive approximation digital
measurement of temperature and Rmr (7 bits)
s
Read and write head open/short detection, low
low supply detect and temperature monitoring
(high temperature warning and Analog
Temperature Diode Voltage measurement)
s
Low write frequency detection.
s
WRITE to READ fast recovery 150ns (same
head, including 100ns blanking period)
s
Head-to-head switch in READ mode - 10
µs (nom)
s
Head and MR bias current switching transient
current head protection
s
READ-to-WRITE switching 50ns (same head)
s
Programmable read bias during write and bank
write operation
s
ESD diode for GMR head protection
DESCRIPTION
L6327/L6332 is a BICMOS monolithic integrated cir-
cuit GMR differential preamplifier designed for use
with four-terminal magneto-resistive GMR read/in-
ductive write heads. It is available as either a six
(L6327) or four (L6332) channel device. The devices
consist of a voltage-sense, current-bias or voltage-
bias (selectable), differential input and differential
output, low-noise, high bandwidth read amplifier and
include fast current switching write drivers which sup-
port data rates in excess of 550 Mb/s with 70nH write
heads.
The GMR preamplifier provides programmable read
current / voltage bias and write current (5 bit DAC for
the read bias, 5 bit DAC for the write current), fault
detection circuitry and servo writing features. Read
amplifier gain, write current wave shape (overshoot,
undershoot and damping) can be adjusted and a
thermal asperity detection and correction circuit can
be enabled and programmed with different thresh-
olds (6 bit DAC) through a 16-bit bi-directional serial
interface (SDEN, SDATA, SCLK). The device oper-
ates from a +5V supply and a -5V supply (nominal).
No external components are required as a trimmed
or untrimmed resistor for reference current setting is
employed.
TSSOP38
ORDERING NUMBERS: L6327
L6332
PRODUCT PREVIEW
6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER


Similar Part No. - L6327

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L632 CRYDOM-L632 Datasheet
585Kb / 4P
Power Modules
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Feb-2001
logo
Crydom Inc.,
L632F CRYDOM-L632F Datasheet
585Kb / 4P
Power Modules
More results

Similar Description - L6327

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Feb-2001
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
List of Unclassifed Man...
LD3301-X ETC1-LD3301-X Datasheet
111Kb / 1P
1 and 2-Channel 5V or 3.3V GMR Head Preamplifier
logo
STMicroelectronics
L6316 STMICROELECTRONICS-L6316 Datasheet
48Kb / 6P
4-CHANNEL LOW POWER PREAMPLIFIER
Sep-2004
L6440 STMICROELECTRONICS-L6440 Datasheet
67Kb / 3P
4-Channel ultra low power GMR-TMR preamplifier for HDD applications
12-Jul-2006
logo
OptoDiode Corp
ODA-6WB-100M OPTODIODE-ODA-6WB-100M Datasheet
417Kb / 2P
BLUE/GREEN ENHANCED 6 mm2 PHOTODIODE-PREAMPLIFIER
logo
Infineon Technologies A...
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
GMR Angle Sensor
May 2010 V1.1
TLE5011 INFINEON-TLE5011_11 Datasheet
577Kb / 45P
GMR Angle Sensor
March 2011
logo
ON Semiconductor
LA3161 ONSEMI-LA3161 Datasheet
134Kb / 7P
2-Channel Preamplifier
August 2014 - Rev. 0
logo
OptoDiode Corp
ODA-6W-500M OPTODIODE-ODA-6W-500M_15 Datasheet
299Kb / 2P
NIR/RED ENHANCED 6 mm2 PHOTODIODE-PREAMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com