Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3301-X Datasheet (PDF) - List of Unclassifed Manufacturers

LD3301-X Datasheet PDF - List of Unclassifed Manufacturers
Part # LD3301-X
Download  LD3301-X Download
File Size   111.51 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1 and 2-Channel 5V or 3.3V GMR Head Preamplifier

LD3301-X Datasheet (PDF)

Go To PDF Page Download Datasheet
LD3301-X Datasheet PDF - List of Unclassifed Manufacturers

Part # LD3301-X
Download  LD3301-X Click to download

File Size   111.51 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1 and 2-Channel 5V or 3.3V GMR Head Preamplifier

LD3301-X Datasheet (HTML) - List of Unclassifed Manufacturers


LD3301-X Product details

[LDIC Confidential]

DESCRIPTION
The LD3301-1, LD3301-2 are BiCMOS devices that support a 1-channel (2-channel) GMR Preamplifier. They are designed for use with 4-terminal magneto resistive recording heads, providing a low noise GMR head amplifier, GMR bias current control, thin film write driver, write current control, thermal asperity detection and correction. Fast recovery mode can be also programmed to put the chip faster in read mode from any other existing modes. The device is programmable for read gain, GMR resistance measurement, and thermal asperity threshold level.

FEATURES
➤ Current Bias/Current Sense Architecture
➤ +5V or +3.3V Supply
➤ 3.3V CMOS compatible Logic Interface
➤ Power Management
➤ Integrated reference resistor
➤ Single ended input to reader with one side grounded externally
➤ Differential read output
➤ GMR resistor range: 25Ω to 65Ω
➤ Programmable 5 bit GMR head bias current: Ib = 2mA-9.75mA
➤ Programmable gain control: 130V/V & 200V/V @ Rmr = 35Ω, Ib = 6mA
➤ Wide bandwidth: BW = 250 MHz at -1dB @ Rmr = 35Ω
➤ Programmable booster for wide bandwidth
➤ Equivalent input noise: Vn = 0.8nV/√Hz @ Rmr = 35Ω
➤ Impedance matched differential inputs for WDX and WDY
➤ Programmable 5 bit write head current: Iw = 15 mA to 60 mA
➤ Servo Bank Write Mode
➤ Rise/Fall Time: 1ns@5V / 2ns@3.3V Typical (Iw = 40mA (0-p), Ltf = 50nH, Rtf = 15Ω)
➤ Fast recovery times: W/R = 200ns @ 5V supply, W/R= 400ns @ 3.3V supply
➤ Programmable write current overshoot control
➤ Read fault and Write fault detection
➤ Rmr value measurement mode
➤ GMR Head Open/Short and TF Head Protection
➤ Programmable (7 bits) thermal asperity detection threshold control and programmable thermal asperity compensation
➤ Serial port read back capability
➤ GMR ESD protection diodes on reader
➤ Internal capacitor




Similar Part No. - LD3301-X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD33CV STMICROELECTRONICS-LD33CV Datasheet
473Kb / 38P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
06-Dec-2006
logo
Unisonic Technologies
LD33CV UTC-LD33CV Datasheet
344Kb / 12P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD33CV UTC-LD33CV Datasheet
385Kb / 15P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD33CV STMICROELECTRONICS-LD33CV Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
LD33CV STMICROELECTRONICS-LD33CV Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
More results


Similar Description - LD3301-X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
Stereo cassette head preamplifier and equalizer
1996 Feb 26
TDA1523 PHILIPS-TDA1523 Datasheet
121Kb / 16P
Stereo cassette head preamplifier and equalizer
1996 Feb 26
logo
STMicroelectronics
L6327 STMICROELECTRONICS-L6327 Datasheet
60Kb / 4P
6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER
Feb-2001
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V Datasheet
79Kb / 5P
5V/3.3V 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
logo
rfsolutions.ltd
SP1 RFSOLUTIONS-SP1 Datasheet
729Kb / 2P
Guitar or/and Bass Preamplifier
logo
ON Semiconductor
LA3161 ONSEMI-LA3161 Datasheet
134Kb / 7P
2-Channel Preamplifier
August 2014 - Rev. 0
logo
National Semiconductor ...
DPC2020R NSC-DPC2020R Datasheet
501Kb / 10P
Thin-Film or MIG Head Read/Write Preamplifier
February 1994
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com