Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EP58V Datasheet (PDF) - Micrel Semiconductor

SY10EP58V Datasheet PDF - Micrel Semiconductor
Part # SY10EP58V
Download  SY10EP58V Download
File Size   79.46 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 2:1 MULTIPLEXER

SY10EP58V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EP58V Datasheet PDF - Micrel Semiconductor

Part # SY10EP58V
Download  SY10EP58V Click to download

File Size   79.46 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 2:1 MULTIPLEXER

SY10EP58V Datasheet (HTML) - Micrel Semiconductor


SY10EP58V Product details

DESCRIPTION
The SY10/100EP58V are 3.3V/5V, precision, high-speed, 2:1 multiplexers. Both devices are pin-for-pin, plug-in replacements for the MC10/100EP58D/DT in 8-pin SOIC and 6-pin TSSOP (MSOP) packages. The signal-path inputs (Da and Db) are single-ended PECL/ECL compatible, and can accept a signal swing as low as 150mV. All I/O pins are 10K/100K EP ECL/PECL compatible.

FEATURES
■ 2:1 PECL/ECL multiplexer
■ Guaranteed AC–performance over temperature/voltage
    • >3GHz fMAX (toggle)
    • <200ps rise/fall time
    • <420ps propagation delay (D-to-Q)
■ Low jitter performance
    • Random jitter: <1psrms
    • Deterministic jitter: <15pspp
    • Total jitter (clock): <1pspp
■ Flexible supply voltage: +3V to +5.5V
■ Wide operating temperature range: –40°C to +85°C
■ Available in 8-pin MSOP and SOIC packages

APPLICATIONS
■ SONET
■ Gig Ethernet
■ Fibre Channel
■ Transponders




Similar Part No. - SY10EP58V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP58V MICREL-SY10EP58V Datasheet
832Kb / 9P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58VKG MICREL-SY10EP58VKG Datasheet
832Kb / 9P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58VKGTR MICREL-SY10EP58VKGTR Datasheet
832Kb / 9P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58VKI MICREL-SY10EP58VKI Datasheet
832Kb / 9P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58VKITR MICREL-SY10EP58VKITR Datasheet
832Kb / 9P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
More results


Similar Description - SY10EP58V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EL56V MICREL-SY100EL56V_06 Datasheet
50Kb / 5P
5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com