Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100EL56V Datasheet (PDF) - Micrel Semiconductor

SY100EL56V Datasheet PDF - Micrel Semiconductor
Part # SY100EL56V
Download  SY100EL56V Download
File Size   55.54 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER

SY100EL56V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100EL56V Datasheet PDF - Micrel Semiconductor

Part # SY100EL56V
Download  SY100EL56V Click to download

File Size   55.54 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER

SY100EL56V Datasheet (HTML) - Micrel Semiconductor


SY100EL56V Product details

DESCRIPTION

The SY100EL56V is a dual, fully differential 2:1 multiplexer. The differential data path makes the device ideal for multiplexing low skew clock or other skew sensitive signals. Multiple VBB pins are provided to ease AC coupling input signals.

The device features both individual and common select inputs to address both data path and random logic applications.



FEATURES

■ 3.3V and 5V power supply options

■ 440ps propagation delay

■ Separate and common select

■ High bandwidth output transitions

■ Internal 75KΩ input pull-down resistors

■ Available in 20-pin SOIC package



 




Similar Part No. - SY100EL56V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL56VZC MICREL-SY100EL56VZC Datasheet
50Kb / 5P
5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY100EL56VZCTR MICREL-SY100EL56VZCTR Datasheet
50Kb / 5P
5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY100EL56VZG MICREL-SY100EL56VZG Datasheet
50Kb / 5P
5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY100EL56VZGTR MICREL-SY100EL56VZGTR Datasheet
50Kb / 5P
5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY100EL56VZI MICREL-SY100EL56VZI Datasheet
50Kb / 5P
5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results


Similar Description - SY100EL56V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP58V MICREL-SY10EP58V Datasheet
79Kb / 5P
5V/3.3V 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V_06 Datasheet
50Kb / 5P
5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com