Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6327 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6327
Description  6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6327 Datasheet(HTML) 3 Page - STMicroelectronics

  L6327 Datasheet HTML 1Page - STMicroelectronics L6327 Datasheet HTML 2Page - STMicroelectronics L6327 Datasheet HTML 3Page - STMicroelectronics L6327 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
L6327 - L6332
TSSOP38
Thin Shrink Small Outline Package
c
E1
k
A
be
D
E
Pin 1 identification
19
38
20
TSSO3 8M
Gage Plane
0.25mm
L
0.010 mm
A1
SEATING PLANE
0.004 inch
SEATING PLANE
A2
A1
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.10
0.043
A1
0.05
0.15
0.002
0.006
A2
0.85
0.90
0.95
0.033
0.035
0.037
b
0.17
0.27
0.007
0.011
c
0.09
0.20
0.0035
0.008
D
9.60
9.70
9.80
0.378
0.382
0.386
E
6.40
0.252
e
0.50
0.020
E1
4.30
4.40
4.50
0.169
0.173
0.177
L
0.50
0.60
0.70
0.020
0.024
0.028
k
0˚ (min.) 8˚ (max.)
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com