Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6327 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6327
Description  6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6327 Datasheet(HTML) 2 Page - STMicroelectronics

  L6327 Datasheet HTML 1Page - STMicroelectronics L6327 Datasheet HTML 2Page - STMicroelectronics L6327 Datasheet HTML 3Page - STMicroelectronics L6327 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L6327 - L6332
2/4
BLOCK DIAGRAM
R/W
HW0N
HW1/5N
PREDRIVER
WRITE
DRIVERS
VCC (+5V)
VGND (0V)
VEE (-5V)
WDP
WDN
FLT
SDATA
SCLK
SEN
MRR
ABHV/
ADTV
RDP
RDN
HW0P
HW1/5P
FAULT PROCESSOR
Low supply detection,
Open/short heads,
TA detection,
low write frequency,
high temperature
SERIAL INTERFACE
CONTROL
HEAD SELECTION
&
MODE CONTROL
3v
VREF
MR
READ
INPUT
STAGES
Imr, Iwr
RW enable
head select
WRITE
DAC
READ
DAC
TA detection,
TA correction
ABHV,
MR meas
Temperature
monitoring
Gain boost,
Low pass filter
3v
3v
HR0P
HR0N
HR1/5P
HR1/5N
L6327/L6332 6/4 CH
High pass
filter
A2D
RMR, temp



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com