Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6326 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6326
Description  2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6326 Datasheet(HTML) 2 Page - STMicroelectronics

  L6326 Datasheet HTML 1Page - STMicroelectronics L6326 Datasheet HTML 2Page - STMicroelectronics L6326 Datasheet HTML 3Page - STMicroelectronics L6326 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L6326
2/4
Figure 1. Preamplifier block diagram
R/W
HW0Y
HW1Y
HR0
PREDRIVER
WRITE
DRIVERS
VCC (+5V)
VGND (0V)
VDD (+8V)
WDX
WDY
FLT
SDATA
SCLK
SDEN
MRR
ABHV/
ADTV
RDX
RDY
RREF/NC
HGND
HW0X
HW1X
HR 1
FAULT PROCESSOR
Low supply detection,
Open/short heads,
TA detection,
low write frequency,
high temperature
SERIAL INTERFACE
CONTROL
HEAD SELECTION
&
MODE CONTROL
3v
VREF
MR
READ
INPUT
STAGES
Imr, Iwr
RW enable
head select
WRITE
DAC
READ
DAC
TA detection,
TA correction
ABHV,
MR meas
Temperature
monitoring
Gain
boost
3v
3v
L 6326



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com