Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6326 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6326
Description  2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6326 Datasheet(HTML) 1 Page - STMicroelectronics

  L6326 Datasheet HTML 1Page - STMicroelectronics L6326 Datasheet HTML 2Page - STMicroelectronics L6326 Datasheet HTML 3Page - STMicroelectronics L6326 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
L6326
February 2001
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
Power Supplies +5Vdc, +8Vdc
s
Current bias or voltage bias (selectable) /
Voltage sense architecture
s
Single ended read input
s
24 pin TSSOP package, two channels
s
External Resistor for read and write currents or
trimmed internal resistor available (serial port
selectable)
s
Read channel -3dB bandwidth > 300MHz
(Rmr=60 ohms, no interconnect)
s
Input equivalent preamplifier voltage noise
0.5nV/rtHz typ
s
Input equivalent MR bias current noise 10pA/rtHz
typ
s
MR bias current programmable (5 bit DAC) 1.8-
8mA (GMR range), 3.8-10mA (AMR range)
s
MR bias voltage programmable (5 bit DAC) 100-
460mV (GMR range), 220-580mV (AMR range)
s
Programmable gain (100V and 150V)
s
Write frequency up to 250MHz (Lh=90nH,R=15
ohms, Ch=2pF, VDD=8V)
s
Rise/Fall time <0.7ns (Iw =40mA 0-pk,
Lh=90nH, Rh=15 ohms, Ch=2pF, VDD=8V)
s
Write current programmable (5 bit DAC) 15-60mA
s
Overshoot control 3 bit resolution (+1 bit for range)
s
Bi-directional 16-bit TTLs Serial interface for
head selection, read/write currents selection,
chip parameters modification, chip enable,
vendor code and fault status read back registers
s
2-wire mode selection (R/W, MRR)
s
Bank write feature for servo write
s
Digital buffered head voltage DBHV / Analog
buffered head voltage ABHV pin (gain 5)
s
Thermal asperity detection with adjustable
sensitivity level (6 bit DAC)
s
Thermal asperity correction
s
Read head open/short detection
s
Low supply detect and temperature monitoring
(high temperature warning and Analog
Temperature
s
Diode Voltage measurement)
s
Low write frequency detection
s
WRITE to READ fast recovery 250ns (same
head, including 150ns blanking period)
s
GMR Low-Bias in WRITE mode with fast
recovery to READ mode bias (250ns)
s
Head-to-head switch in READ mode - 10
µs (typ)
s
Head and MR bias current switching transient
current head protection
s
READ-to-WRITE switching 30ns (same head)
s
Programmable read bias during write and bank
write operation
s
ESD diodes for GMR protections
s
Differential Write Driver to minimize coupling to
GMR element
DESCRIPTION
The L6326 is a two channel BICMOS monolithic inte-
grated circuit GMR pre-amplifier designed for use
with four-terminal magneto-resistive (AMR and GMR
heads) read/inductive write heads. The device con-
sists of a voltage sense current bias or voltage bias
(selectable), single ended input/ true differential out-
put (RDX, RDY), low-noise high bandwidth read am-
plifier and includes fast current switching write drivers
which support data rates up to 500 Mb/s with 90nH
write heads.
The GMR pre-amplifier provides programmable read
current/voltage bias and write current (5 bit DACs),
fault detection circuitry and servo writing features.
Read amplifier gain, write current wave shape (over-
shoot and damping) can be adjusted and a thermal
asperity detection and correction circuit can be en-
abled and programmed with different thresholds (6
bit DAC) through a 16-bit bi-directional serial inter-
face (SDEN, SDATA, SCLK). The device operates
from a +5V supply and a +8V supply (typical) for the
write drivers. No external components are required if
the internal trimmed resistor for reference current
setting is selected.
TSSOP24
ORDERING NUMBER: L6326
PRODUCT PREVIEW
2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS


Similar Part No. - L6326

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L632 CRYDOM-L632 Datasheet
585Kb / 4P
Power Modules
logo
STMicroelectronics
L6327 STMICROELECTRONICS-L6327 Datasheet
60Kb / 4P
6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER
Feb-2001
logo
Crydom Inc.,
L632F CRYDOM-L632F Datasheet
585Kb / 4P
Power Modules
More results

Similar Description - L6326

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6327 STMICROELECTRONICS-L6327 Datasheet
60Kb / 4P
6 / 4 CHANNEL VOLTAGE SENSE GMR PREAMPLIFIER
Feb-2001
logo
List of Unclassifed Man...
LD3301-X ETC1-LD3301-X Datasheet
111Kb / 1P
1 and 2-Channel 5V or 3.3V GMR Head Preamplifier
logo
Torex Semiconductor
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Infineon Technologies A...
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
GMR Angle Sensor
May 2010 V1.1
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
LINEAR AMR SENSOR (2 mm)
logo
National Semiconductor ...
LM221 NSC-LM221 Datasheet
175Kb / 10P
Precision Preamplifiers
February 1995
logo
Infineon Technologies A...
TLE5309D INFINEON-TLE5309D Datasheet
1Mb / 30P
Separate supply pins for AMR and GMR sensor
Data Sheet V 1.1 2017-10
TLE5X09A16 INFINEON-TLE5X09A16 Datasheet
1Mb / 33P
Analog AMR/GMR Angle Sensors
V 2.0 2018-12
logo
VIGO Photonics S.A.
SIP VIGO-SIP Datasheet
814Kb / 2P
SIP series preamplifiers
18/03/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com