Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM221 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM221 Datasheet PDF - National Semiconductor (TI)
Part # LM221
Download  LM221 Download
File Size   175.9 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Precision Preamplifiers

LM221 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM221 Datasheet PDF - National Semiconductor (TI)

Part # LM221
Download  LM221 Click to download

File Size   175.9 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Precision Preamplifiers

LM221 Datasheet (HTML) - National Semiconductor (TI)


LM221 Product details

General Description
The LM221 series are precision preamplifiers designed to
operate with general purpose operational amplifiers to drastically decrease dc errors. Drift, bias current, common mode
and supply rejection are more than a factor of 50 better than
standard op amps alone. Further, the added dc gain of the
LM221 decreases the closed loop gain error.
The LM221 series operates with supply voltages from g3V
to g20V and has sufficient supply rejection to operate from
unregulated supplies. The operating current is programmable from 5 mA to 200 mA so bias current, offset current, gain
and noise can be optimized for the particular application
while still realizing very low drift. Super-gain transistors are
used for the input stage so input error currents are lower
than conventional amplifiers at the same operating current.
Further, the initial offset voltage is easily nulled to zero.
The extremely low drift of the LM221 will improve accuracy
on almost any precision dc circuit. For example, instrumentation amplifier, strain gauge amplifiers and thermocouple
amplifiers now using chopper amplifiers can be made with
the LM221. The full differential input and high commonmode rejection are another advantage over choppers. For
applications where low bias current is more important than
drift, the operating current can be reduced to low values.
High operating currents can be used for low voltage noise
with low source resistance. The programmable operating
current of the LM221 allows tailoring the input characteristics to match those of specialized op amps.
The LM221 is specified over a b25§C to a85§C range and
the LM321 over a 0§C to a70§C temperature range.

Features
- Guaranteed drift of LM321AÐ0.2 mV/§C
- Guaranteed drift of LM221 seriesÐ1 mV/§C
- Offset voltage less than 0.4 mV
- Bias current less than 10 nA at 10 mA operating current
- CMRR 126 dB minimum
- 120 dB supply rejection
- Easily nulled offset voltage




Similar Part No. - LM221

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM221 SEOUL-LM221 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM221 SEOUL-LM221 Datasheet
360Kb / 13P
CYAN LAMP LED
LM221 SEOUL-LM221 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM221 SEOUL-LM221 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM221 SEOUL-LM221 Datasheet
378Kb / 14P
RED LAMP LED
More results


Similar Description - LM221

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6326 STMICROELECTRONICS-L6326 Datasheet
58Kb / 4P
2 CHANNEL VOLTAGE SENSE AMR/GMR PREAMPLIFIERS
Feb-2001
logo
Toshiba Semiconductor
TA7795F TOSHIBA-TA7795F Datasheet
368Kb / 9P
DUAL PREAMPLIFIERS FOR AUTO-REVERSE SYSTEM (1.5V USE)
logo
Maxim Integrated Produc...
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
logo
VIGO Photonics S.A.
SIP VIGO-SIP Datasheet
814Kb / 2P
SIP series preamplifiers
18/03/2021
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com