Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM221 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM221
Description  Precision Preamplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM221 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM221 Datasheet HTML 1Page - National Semiconductor (TI) LM221 Datasheet HTML 2Page - National Semiconductor (TI) LM221 Datasheet HTML 3Page - National Semiconductor (TI) LM221 Datasheet HTML 4Page - National Semiconductor (TI) LM221 Datasheet HTML 5Page - National Semiconductor (TI) LM221 Datasheet HTML 6Page - National Semiconductor (TI) LM221 Datasheet HTML 7Page - National Semiconductor (TI) LM221 Datasheet HTML 8Page - National Semiconductor (TI) LM221 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
Supply Voltage
g
20V
Power Dissipation (Note 1)
500 mW
Differential Input Voltage (Notes 2 and 3)
g
15V
Input Voltage (Note 3)
g
15V
Operating Temperature Range
LM321A
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
300 C
ESD rating to be determined
Electrical Characteristics (Note 4) LM321A
Parameter
Conditions
LM321A
Units
Min
Typ
Max
Input Offset Voltage
TA
25 C 64k s RSET s 70k
02
04
mV
Input Offset Current
TA
25 C
RSET
70k
03
05
nA
RSET
64k
5
nA
Input Bias Current
TA
25 C
RSET
70k
5
15
nA
RSET
64k
50
150
nA
Input Resistance
TA
25 C
RSET
70k
2
8
MX
RSET
64k
02
MX
Supply Current
TA
25 C RSET
70k
08
22
mA
Input Offset Voltage
64k s RSET s 70k
05
065
mV
Input Bias Current
RSET
70k
15
25
nA
RSET
64k
150
250
nA
Input Offset Current
RSET
70k
05
1
nA
RSET
64k
5
10
nA
Input Offset Current Drift
RSET
70k
3
pA C
Average Temperature
RS s 200X 64k s RSET s 70k
Coefficient of Input Offset
Offset Voltage Nulled
Voltage
007
02
m
V C
Long Term Stability
3
m
Vyr
Supply Current
1
35
mA
Input Voltage Range
VS
g
15V (Note 5)
RSET
70k
g
13
V
RSET
64k
a
7 b13
V
Common-Mode Rejection
RSET
70k
126
140
dB
Ratio
RSET
64k
120
130
dB
Supply Voltage Rejection
RSET
70k
118
126
dB
Ratio
RSET
64k
114
120
dB
Voltage Gain
TA
25 C RSET
70k
RL l 3MX
12
20
VV
Noise
RSET
70k RSOURCE
0
8
nV
0Hz
Note 1
The maximum junction temperature of the LM321A is 85 C For operating at elevated temperature devices in the H08 package must be derated based on
a thermal resistance of 150 CW junction to ambient or 18 CW junction to case
Note 2
The inputs are shunted with back-to-back diodes in series with a 500X resistor for overvoltage protection Therefore excessive current will flow if a
differential input voltage in excess of 1V is applied between the inputs
Note 3
For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage
Note 4
These specifications apply for g5 s VS s g20V and
55 C s TA s a125 C unless otherwise specified With the LM221A however all temperature
specifications are limited to
25 C s TA s a85 C and for the LM321A the specifications apply over a 0 Cto a70 C temperature range
Note 5
External precision resistor
01%
can be placed from pins 1 and 8 to 7 increase positive common-mode range
Note 6
See RETS121X for LM121H883 military specs and RET121AX for LM121AH883 military specs
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com