Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFC106D Datasheet (PDF) - Analog Technologies, Inc.

ATFC106D Datasheet PDF - Analog Technologies, Inc.
Part # ATFC106D
Download  ATFC106D Download
File Size   319.19 Kbytes
Page   9 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Digital TEC/Fan Controller

ATFC106D Datasheet (PDF)

Go To PDF Page Download Datasheet
ATFC106D Datasheet PDF - Analog Technologies, Inc.

Part # ATFC106D
Download  ATFC106D Click to download

File Size   319.19 Kbytes
Page   9 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Digital TEC/Fan Controller

ATFC106D Datasheet (HTML) - Analog Technologies, Inc.


ATFC106D Product details

FEATURES
Digital Display for Parameter Setting and Monitoring
High Output Power for TEC: 12V20A
High Efficiency: >98%
No Heat Sink Required
Penal Mounting Design
Over Current Protected
Communication Function
Compact Size: 152.6mm(L)×76.0mm(W)×20.4mm(H)

DESCRIPTION
ATFC106D is designed for regulating an enclosed chamber
temperature by driving a TEC array and a fan array. In
addition, upon detecting the chamber temperature goes beyond
the safety windows, see the table below, it cuts off an AC
power switch by sending the relay control signal. The
ATFC106D is a digitally controlled TEC/fan assembly
controller for driving TEC assemblies with fans and
monitoring the working status at the same time. It allows
setting the parameters of the set-point temperature window, the
safety temperature window, monitoring the heat sink hot side
temperature, heat sink cold side temperature, and the chamber
temperature, as shown in Figure 1. The controller integrates a
digital display, a TEC controller, a fan controller, and
temperature controlled relay control output into one assembly,
see Figure 3.
In the controller, there are 2 control loops: TEC and Fan. The
former has a bi-directional output for achieving both heating
and cooling effects, the latter switches the fan on and off.
As shown in Figure 4, a digital display is used to show these
temperatures: Safety High Temperature, Safety Low
Temperature, Cool On Temperature, Heat On
Temperature, Satisfied, TEC Outside Temperature, TEC
Inside Temperature and Chamber Temperature. There are
8 LEDs indicating which of these temperatures is shown in
the display.
The Safety High Temperature, T1, is the temperature point
on which the chamber air temperature gets too high that the
load control relay is turned off, but the TECs keep cooling
down the chamber air.
The Cool On Temperature, T2, is the temperature point on
which triggers the TECs to start cooling down the chamber
air.
The Heat On Temperature, T3, is the temperature point on
which triggers the TECs to start heating up the chamber air.
The Safety Low Temperature, T4, is the temperature point
on which the chamber air temperature gets too low that the
load control relay is turned off, but the TECs keeps heating
up the chamber air. There is an option that when the chamber
temperature gets too low, the load control relay is not turned
off so that the load is still on and works as a heating element,
helping increase the chamber temperature.
The LED indication logic for the above 4 temperatures is
shown in Table 1.




Similar Part No. - ATFC106D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATFC109D ANALOGTECHNOLOGIES-ATFC109D Datasheet
573Kb / 7P
Digital TEC/Fan Controller
1/29/2022
More results


Similar Description - ATFC106D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC6A101-DN ETC2-TEC6A101-DN Datasheet
174Kb / 9P
HIGH EFFICIENCY TEC CONTROLLER
TEC-A1LD ETC2-TEC-A1LD Datasheet
297Kb / 9P
HIGH EFFICIENCY TEC CONTROLLER
logo
Analog Devices
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
logo
Delta Electronics, Inc.
HET200VC DELTA-HET200VC Datasheet
248Kb / 1P
FAN / TEC / Control fail alarm
logo
Analog Technologies, In...
ATFC109D ANALOGTECHNOLOGIES-ATFC109D Datasheet
573Kb / 7P
Digital TEC/Fan Controller
1/29/2022
TEC5V6A-NT ANALOGTECHNOLOGIES-TEC5V6A-NT Datasheet
821Kb / 9P
High Efficiency TEC Controller
4/28/2022
TECLD100MA203D ANALOGTECHNOLOGIES-TECLD100MA203D Datasheet
332Kb / 6P
TEC Laser Controller Combo
4/7/2022
TECLD15A ANALOGTECHNOLOGIES-TECLD15A Datasheet
829Kb / 4P
TEC Controller Load Assembly
1/29/2022
TECLD200MA203D ANALOGTECHNOLOGIES-TECLD200MA203D Datasheet
333Kb / 6P
TEC Laser Controller Combo
4/7/2022
TECLD500MA203D ANALOGTECHNOLOGIES-TECLD500MA203D Datasheet
333Kb / 6P
TEC Laser Controller Combo
4/7/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com