Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFC109D Datasheet (PDF) - Analog Technologies, Inc.

ATFC109D Datasheet PDF - Analog Technologies, Inc.
Part # ATFC109D
Download  ATFC109D Download
File Size   573.09 Kbytes
Page   7 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Digital TEC/Fan Controller

ATFC109D Datasheet (PDF)

Go To PDF Page Download Datasheet
ATFC109D Datasheet PDF - Analog Technologies, Inc.

Part # ATFC109D
Download  ATFC109D Click to download

File Size   573.09 Kbytes
Page   7 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Digital TEC/Fan Controller

ATFC109D Datasheet (HTML) - Analog Technologies, Inc.


ATFC109D Product details

FEATURES
Digital Display for Setting and Monitoring Main Parameters
High Output Power for Driving TECs: 20V 15A
High Efficiency: >90% @ Full Load
Bi-directional Output for Cooling or Heating
Continuous Regulated DC Output Current
Window Temperature Control Algorithm
User Friendly Panel Configuration and Operation Design
Communication with Computers through a USB Port
No Heat Sink Required
Over Current Protection
Compact Size: 4"×3"×0.76" (103mm×76mm×19.4mm)
100 % Lead (Pb)-free and RoHS Compliant

DESCRIPTION
ATFC109D is designed for maintaining the temperature inside
an enclosed chamber by driving one TEC or multiple TECs
and a fan array with the working status and parameters
monitored and displayed at the same time. It allows setting the
parameters of Upper Object Temperature Limit, TUOTL, and
Lower Object Temperature Limit, TLOTL. The controller
integrates a micro-controller, a digital display, a few buttons
and indication LEDs, a bidirectional TEC H bridge output
stage and a fan driver.
In the controller as shown in Figure 2, there are 2 control loops:
TEC and Fan. The former has a bi-directional output for both
heating and cooling functions, and the latter switches the fan
on and off to keep the heat sink under proper temperature.
Table 1 shows the relationship between the temperature
regions and the status of TEC, fan, and LED display:
LED1: heating state;
LED2: Temperature Loop good, it means the object
temperature is within the desired temperature range.
LED3: cooling state.
Temperature codes and their meanings are as follows:
tCP: Cold Plate Temperature
tHS: Heat Sink Temperature
tCH: Chamber Air Temperature
TUOTL: Upper Object Temperature Limit
TLOTL: Lower Object Temperature Limit




Similar Part No. - ATFC109D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATFC106D ANALOGTECHNOLOGIES-ATFC106D Datasheet
319Kb / 9P
Digital TEC/Fan Controller
1/29/2022
More results


Similar Description - ATFC109D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC6A101-DN ETC2-TEC6A101-DN Datasheet
174Kb / 9P
HIGH EFFICIENCY TEC CONTROLLER
TEC-A1LD ETC2-TEC-A1LD Datasheet
297Kb / 9P
HIGH EFFICIENCY TEC CONTROLLER
logo
Analog Devices
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
logo
Delta Electronics, Inc.
HET200VC DELTA-HET200VC Datasheet
248Kb / 1P
FAN / TEC / Control fail alarm
logo
Analog Technologies, In...
ATFC106D ANALOGTECHNOLOGIES-ATFC106D Datasheet
319Kb / 9P
Digital TEC/Fan Controller
1/29/2022
TEC5V6A-NT ANALOGTECHNOLOGIES-TEC5V6A-NT Datasheet
821Kb / 9P
High Efficiency TEC Controller
4/28/2022
TECLD100MA203D ANALOGTECHNOLOGIES-TECLD100MA203D Datasheet
332Kb / 6P
TEC Laser Controller Combo
4/7/2022
TECLD15A ANALOGTECHNOLOGIES-TECLD15A Datasheet
829Kb / 4P
TEC Controller Load Assembly
1/29/2022
TECLD200MA203D ANALOGTECHNOLOGIES-TECLD200MA203D Datasheet
333Kb / 6P
TEC Laser Controller Combo
4/7/2022
TECLD500MA203D ANALOGTECHNOLOGIES-TECLD500MA203D Datasheet
333Kb / 6P
TEC Laser Controller Combo
4/7/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com