Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS1A212D Datasheet (PDF) - Analog Technologies, Inc.

ATLS1A212D Datasheet PDF - Analog Technologies, Inc.
Part # ATLS1A212D
Download  ATLS1A212D Download
File Size   1156.74 Kbytes
Page   16 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Voltage Constant Current 1A Laser Driver

ATLS1A212D Datasheet (PDF)

Go To PDF Page Download Datasheet
ATLS1A212D Datasheet PDF - Analog Technologies, Inc.

Part # ATLS1A212D
Download  ATLS1A212D Click to download

File Size   1156.74 Kbytes
Page   16 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Voltage Constant Current 1A Laser Driver

ATLS1A212D Datasheet (HTML) - Analog Technologies, Inc.


ATLS1A212D Product details

FEATURES
 Wide Input Voltage Range: 4.5V ∼15V
 Wide Output Voltage Range: 0.2VVPS to 0.8VVPS (input
voltage)
 Maximum Output Current: 1A
 High Efficiency: ≥90% - no heat sink is needed
(IOUT=1A@VLDA=10V&VVPS =15V)
 Wide Modulation Bandwidth: DC ∼10kHz
 Dual Independent Current Set Ports: LISH and LISL
 Direct Digital Modulation Control: PCN
 Three Control States: Shutdown, Standby and Operation
 Low Output Current Noise: 3.47μAP-P @0.1Hz~10Hz
 High Current Stability: <±200μA@1A &−20°C~80°C
 Low Output Ripple Voltage: <4mV@500kHz
 Fully Shielded
 Compact Size: 25.4×20×5 (mm)
 100 % Lead (Pb)-free and RoHS Compliant
DESCRIPTION
This laser driver, ATLS1A212, is an electronic module that
has all the valuable and important, but often difficult to
achieve simultaneously, features: wide input and output
voltage range, high output current capability, high efficiency,
low output noise (but it has an output 4mVp-p ripple voltage at
500kHz), wide modulation bandwidth, and small size. The
wide output voltage range, 0.2VVPS ~ 0.8VVPS, allows driving
one or multiple serial laser diodes at the same time, for up to
1A well controlled current at high efficiency. The extremely
low noise between DC ~ 10kHz and low DC current drift make
it ideal for driving diode pumped single mode laser diodes to
achieve mode-hop-free and narrow optical wavelength drift,
thus, long coherent length. Because of the high efficiency, the
laser driver generates small amount of heat, thus, no heat sink
is necessary for normal operation. The fully shielded case
blocks all the incoming and outgoing EMIs (Electro-Magnet
Interferences). Therefore, this laser will not interfere other
surrounding electronics, nor will be interfered by them. The
small package saves valuable PCB space in laser systems.
Figure 1 shows physical photo of the ATLS1A212D.
This laser driver has two current set ports digitally controlled to
switch between them for setting the output current. This feature
allows modulating the laser digitally with 2 preset current
values.
The actual laser current and laser driver temperature are
monitored by dedicated ports. In case the laser driver
temperature exceeds the limit, 120°C, the laser driver will shut
down the output stage by itself and force the laser driver into
Standby Mode. There is a loop good indication output to tell if
the laser driver works ok.
The laser driver has 3 states: Operation, Standby and Shutdown.
Under Standby mode, all the laser driver components work
except the output stage, see Figure 4. Under Shutdown mode,
all the components of the laser driver stop working and the
power supply current is reduced to < 3μA.
This laser driver generates a high accuracy high stability low
noise, 5μVP-P, <1μVRMS, <8ppm/°C, 2.5V<±2mV, voltage
reference output which can be used for settingthe output
current and also be used as the reference voltage for the ADCs
(Analog to Digital Converters) and/or DACs (Digital to Analog
Converters).
The ATLS1A212 uses a constant frequency high efficiency
PWM output stage. Its switching signal is taken out through a
buffer at the SYNO port, pin 14, which can be used by other
switch mode electronics as the trigger signal to avoid
frequency beating interference, if the free-run frequency is
around 500kHz.




Similar Part No. - ATLS1A212D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A212DHS ANALOGTECHNOLOGIES-ATLS1A212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 1A Laser Driver
7/4/2022
More results


Similar Description - ATLS1A212D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A212DHS ANALOGTECHNOLOGIES-ATLS1A212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 1A Laser Driver
7/4/2022
ATLS2A212D ANALOGTECHNOLOGIES-ATLS2A212D Datasheet
1Mb / 16P
High Voltage Constant Current 2A Laser Driver
7/4/2022
ATLS2A212DHS ANALOGTECHNOLOGIES-ATLS2A212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 2A Laser Driver
7/4/2022
ATLS3A212D ANALOGTECHNOLOGIES-ATLS3A212D Datasheet
1Mb / 15P
High Voltage Constant Current 3A Laser Driver
7/4/2022
ATLS3A212DHS ANALOGTECHNOLOGIES-ATLS3A212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 3A Laser Driver
7/4/2022
ATLS10A216D ANALOGTECHNOLOGIES-ATLS10A216D Datasheet
990Kb / 13P
High Voltage Constant Current 10A Laser Driver
7/4/2022
ATLS12A216D ANALOGTECHNOLOGIES-ATLS12A216D Datasheet
900Kb / 14P
High Voltage Constant Current 12A Laser Driver
6/28/2022
ATLS500MA212DHS ANALOGTECHNOLOGIES-ATLS500MA212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 500mA Laser Driver
7/4/2022
ATLS6A214D ANALOGTECHNOLOGIES-ATLS6A214D Datasheet
1,009Kb / 16P
High Voltage Constant Current 6A Laser Driver
7/4/2022
ATLS8A216D ANALOGTECHNOLOGIES-ATLS8A216D Datasheet
935Kb / 13P
High Voltage Constant Current 8A Laser Driver
7/4/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com