Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0319 Datasheet (PDF) - DAICO Industries, Inc.

DS0319 Datasheet PDF - DAICO Industries, Inc.
Part # DS0319
Download  DS0319 Download
File Size   140.17 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description PIN Diode Transfer Switch

DS0319 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS0319 Datasheet PDF - DAICO Industries, Inc.

Part # DS0319
Download  DS0319 Click to download

File Size   140.17 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description PIN Diode Transfer Switch

DS0319 Datasheet (HTML) - DAICO Industries, Inc.


DS0319 Product details

FEATURES
• 70 - 1000 MHz
• CMOS Driver
• 60 dB Isolation
• 1.3 dB Insertion Loss
• Low Transients
• 18 Pin DIP




Similar Part No. - DS0319

ManufacturerPart #DatasheetDescription
logo
CUI INC
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
DIP SWITCH
logo
Same Sky Devices
DS03-254 SAMESKY-DS03-254 Datasheet
235Kb / 3P
DIP SWITCH
09/12/2024
logo
Vishay Siliconix
DS030070 VISHAY-DS030070 Datasheet
156Kb / 3P
Feed-Through Capacitors with Band Conductor
21-Jan-02
DS030070 VISHAY-DS030070 Datasheet
102Kb / 4P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
DS030070BP501##BJ1 VISHAY-DS030070BP501##BJ1 Datasheet
102Kb / 4P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
More results


Similar Description - DS0319

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1287 DAICO-100C1287 Datasheet
26Kb / 1P
PIN Diode Transfer Switch
100C1297 DAICO-100C1297 Datasheet
136Kb / 1P
PIN Diode Transfer Switch
DS0097 DAICO-DS0097 Datasheet
36Kb / 1P
PIN Diode Transfer Switch
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
Transfer Switch
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
Transfer Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com