Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-283-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-283-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-283-PIN
Download  SW-283-PIN Download
File Size   64.98 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs Transfer Switch, GaAs Transfer Switch,

SW-283-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-283-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-283-PIN
Download  SW-283-PIN Click to download

File Size   64.98 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs Transfer Switch, GaAs Transfer Switch,

SW-283-PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-283-PIN Product details

Description
M/A-COM’s SW-283-PIN is a GaAs MMIC transfer switch packaged in lead-free, surface mount CR-4 ceramic style packages. SW-283-PIN offers low insertion loss, high isolation, and fast switching. This ceramic switch platform has a common footprint for all three designs. The CR-4 package is hermetically sealed, making this switch ideal for space, military radios, and other environmentally harsh applications.

Features
• Small Ceramic Package, 0.250” Sq.
• Fast Switching Speed, 4 ns Typical
• Ultra Low DC Power Consumption
• 50 Ohm Nominal Impedance
• MIL-STD-883 screening available
• Lead-Free CR-4 Package
• 260°C Reflow Compatible
• RoHS* Compliant




Similar Part No. - SW-283-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-283-PIN MACOM-SW-283-PIN Datasheet
138Kb / 4P
GaAs Transfer Switch, DC - 3.0 GHz
More results


Similar Description - SW-283-PIN

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS172-73 SKYWORKS-AS172-73 Datasheet
49Kb / 2P
PHEMT GaAs IC Transfer Switch DC-2 GHz
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
GaAs MMIC FET Transfer Switch DC-4 GHz
logo
DAICO Industries, Inc.
CSWT5103 DAICO-CSWT5103 Datasheet
41Kb / 1P
GaAs Transfer Switch / Amplifier
CSWT5104 DAICO-CSWT5104 Datasheet
34Kb / 1P
GaAs Transfer Switch / Amplifier
DSWT1981 DAICO-DSWT1981 Datasheet
146Kb / 1P
GaAs Transfer Switch
logo
Skyworks Solutions Inc.
AS127-59 SKYWORKS-AS127-59 Datasheet
31Kb / 2P
GaAs IC Transfer Switch DC-2 GHz
logo
Tyco Electronics
SW-283-PIN MACOM-SW-283-PIN Datasheet
138Kb / 4P
GaAs Transfer Switch, DC - 3.0 GHz
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com