Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-283-PIN Datasheet (PDF) - Tyco Electronics

SW-283-PIN Datasheet PDF - Tyco Electronics
Part # SW-283-PIN
Download  SW-283-PIN Download
File Size   138.72 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs Transfer Switch, DC - 3.0 GHz

SW-283-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-283-PIN Datasheet PDF - Tyco Electronics

Part # SW-283-PIN
Download  SW-283-PIN Click to download

File Size   138.72 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs Transfer Switch, DC - 3.0 GHz

SW-283-PIN Datasheet (HTML) - Tyco Electronics


SW-283-PIN Product details

Description
M/A-COM’s SW-283-PIN is a GaAs MMIC transfer switch packaged in lead-free, surface mount CR-4 ceramic style packages. SW-283-PIN offers low insertion loss, high isolation, and fast switching. This ceramic switch platform has a common footprint for all three designs. The CR-4 package is hermetically sealed, making this switch ideal for space, military radios, and other environmentally harsh applications.

Features
• Small Ceramic Package, 0.250” Sq.
• Fast Switching Speed, 4 ns Typical
• Ultra Low DC Power Consumption
• 50 Ohm Nominal Impedance
• MIL-STD-883 screening available
• Lead-Free CR-4 Package
• 260°C Reflow Compatible




Similar Part No. - SW-283-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
More results


Similar Description - SW-283-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
GaAs MMIC FET Transfer Switch DC-4 GHz
logo
Tyco Electronics
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
Skyworks Solutions Inc.
AS127-59 SKYWORKS-AS127-59 Datasheet
31Kb / 2P
GaAs IC Transfer Switch DC-2 GHz
logo
Tyco Electronics
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MA-COM-MASWSS0136 Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0166 MA-COM-MASWSS0166 Datasheet
79Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0166 MA-COM-MASWSS0166_15 Datasheet
626Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com