Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-438 Datasheet (PDF) - Tyco Electronics

SW-438 Datasheet PDF - Tyco Electronics
Part # SW-438
Download  SW-438 Download
File Size   84.15 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Switch DC. 3.0 GHz

SW-438 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-438 Datasheet PDF - Tyco Electronics

Part # SW-438
Download  SW-438 Click to download

File Size   84.15 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Switch DC. 3.0 GHz

SW-438 Datasheet (HTML) - Tyco Electronics


SW-438 Product details

Description
The SW-438 is a GaAs MMIC SPDT switch in a low cost SOT-363 surface mount plastic package. Typical applications include transmit/receive switching for Bluetooth and WLAN equipment. The SW-438 can also be used in applications up to 500 mW in systems such as cellular, PCS, DCS1800, GSM, CDMA and other analog and digital wireless communications systems.

Features
• Low Insertion Loss, 0.7 dB @ 2.4 GHz1
• High Isolation, 25 dB @ 2.4 GHz1
• Low Power Consumption, < 10 µA @ +3 V
• Low Cost Plastic SOT-363 Package




Similar Part No. - SW-438

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-438 MA-COM-SW-438 Datasheet
82Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
SW-438SMB MA-COM-SW-438SMB Datasheet
82Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
SW-438TR-3000 MA-COM-SW-438TR-3000 Datasheet
82Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Similar Description - SW-438

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MA-COM-MASWSS0136 Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com