Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007221 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-007221 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-007221
Download  MASW-007221 Download
File Size   78.53 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 3.0 GHz

MASW-007221 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-007221 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-007221
Download  MASW-007221 Click to download

File Size   78.53 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 3.0 GHz

MASW-007221 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-007221 Product details

Description
M/A-COM’s MASW-007221 is a GaAs monolithic switch in a lead-free SC-70 (SOT-363) surface mount plastic package. The MASW-007221 is ideally suited for applications where very low power consumption, low insertion loss, very small size, and low cost are required. Typical applications are in dual band systems where switching between small signal components is required, i.e. filter banks, single-band LNA’s, converters, etc.

Features
• Low Insertion Loss: < 0.3 dB @ 900 MHz
• Low Power Consumption: < 15 µA @ -2.3 Volts
• Positive or Negative 2.3 to 8 Volt Control
• Lead-Free SC-70 (SOT-363) Package
• 100% Matte Tin Plating over Copper
• Halogen-Free ―Green‖ Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant version of SW-456




Similar Part No. - MASW-007221

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch
logo
Tyco Electronics
MASW-007221-000000 MACOM-MASW-007221-000000 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007221-000000 MA-COM-MASW-007221-000000 Datasheet
552Kb / 4P
GaAs SPDT Switch
logo
Tyco Electronics
MASW-007221-TR3000 MACOM-MASW-007221-TR3000 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
More results


Similar Description - MASW-007221

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MA-COM-MASWSS0136 Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com