Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-438 Datasheet(PDF) 4 Page - Tyco Electronics

Part # SW-438
Description  GaAs SPDT Switch DC. 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-438 Datasheet(HTML) 4 Page - Tyco Electronics

  SW-438 Datasheet HTML 1Page - Tyco Electronics SW-438 Datasheet HTML 2Page - Tyco Electronics SW-438 Datasheet HTML 3Page - Tyco Electronics SW-438 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GaAs SPDT Switch, DC-3.0 GHz
SW-438
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.00
Dimen-
sion
Min.
Nom.
Max.
A
—
—
1.10
A1
0
—
0.10
A2
0.70
0.90
1.00
b
0.15
—
0.30
c
0.08
—
0.22
L
0.42 ref.
Measurement (mm)
D
2.00 basic
e
0.65 basic
E
2.10 basic
E1
1.25 basic
SOT-363 (SC-70) Plastic Package
Note: See JEDEC MO-203 VAR AB for
Additional dimensions and tolerances.
PIN
1
PIN
6
D
e
e
E
A
A1
b
c
L
A
E1
A2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com