Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-438 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-438 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-438
Download  SW-438 Download
File Size   82.72 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 3.0 GHz

SW-438 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-438 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-438
Download  SW-438 Click to download

File Size   82.72 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 3.0 GHz

SW-438 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-438 Product details

Description
The SW-438 is a GaAs MMIC SPDT switch in a low cost SOT-363 surface mount plastic package. Typical applications include transmit/receive switching for Bluetooth and WLAN equipment. The SW-438 can also be used in applications up to 500 mW in systems such as cellular, PCS, DCS1800, GSM, CDMA and other analog and digital wireless communications systems.

Features
• Low Insertion Loss, 0.7 dB @ 2.4 GHz1
• High Isolation, 25 dB @ 2.4 GHz1
• Low Power Consumption, < 10 µA @ +3 V
• Low Cost Plastic SOT-363 Package




Similar Part No. - SW-438

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
SW-438SMB MACOM-SW-438SMB Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
SW-438TR-3000 MACOM-SW-438TR-3000 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
More results


Similar Description - SW-438

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com