Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-438 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-438
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-438 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-438 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-438 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-438 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-438 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V6
SW-438
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss, 0.7 dB @ 2.4 GHz1
• High Isolation, 25 dB @ 2.4 GHz1
• Low Power Consumption, < 10 µA @ +3 V
• Low Cost Plastic SOT-363 Package
1. For best results at 2.4 GHz, use 8 pF 0402 profile SMT
capacitors on RF ports and 100 pF bypassing on pins 4
and 6.
Description
The SW-438 is a GaAs MMIC SPDT switch in a low
cost SOT-363 surface mount plastic package.
Typical
applications
include
transmit/receive
switching for Bluetooth and WLAN equipment. The
SW-438 can also be used in applications up to 500
mW in systems such as cellular, PCS, DCS1800,
GSM, CDMA and other analog and digital wireless
communications systems.
M/A-COM fabricates the SW-438 using a 0.5
micron gate length GaAs p-HEMT process.
The
process features full passivation for increased
performance and reliability.
External Component Requirements
Please note the values of the external capacitors.
The capacitors at each of the RF ports are used as
for achieving optimum insertion loss. They also
provide DC blocking for positive control. The 8 pF
(0402) capacitor is recommended for 2 - 3 GHz
operation. If this value is changed or the capacitor
placed too far from the switch, the performance will
be affected.
We also recommend 100 pF bypass
capacitors on pins 4 and 6.
For broadband applications with positive control
voltages, use DC blocking capacitors with value of
39 pF or more.
Functional Schematic
RF1
GND
RF2
V1
RFC
V2
PIN 1
C≥39pF
C≥39pF
C≥39pF
C=100pF
C=100pF
Broad Band Applications
RF1
GND
RF2
V1
RFC
V2
PIN 1
C=8pF
C=8pF
C=8pF
C=100pF
C=100pF
2.4 GHz Application
Pin Configuration
Pin No.
Function
Description
1
RF1
RF Input/Output
2
GND
RF Ground
3
RF2
RF Input/Output
4
V2
Control 2 Input
5
RFC
RF Common Port
6
V1
Control 1 Input
Ordering Information
2
Part Number
Package
SW-438TR-3000
SW-438 on 13 Inch, 3000 piece reel
SW-438SMB
SW-438 sample test board
2. Reference Application Note M513 for reel size information.
Parameter
Absolute Maximum
Input (0.5-3.0 GHz)
3 V Control
5 V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
3
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.


Similar Part No. - SW-438

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
SW-438SMB MACOM-SW-438SMB Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
SW-438TR-3000 MACOM-SW-438TR-3000 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
More results

Similar Description - SW-438

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com