Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS1A103 Datasheet (PDF) - Analog Technologies, Inc.

ATLS1A103 Datasheet PDF - Analog Technologies, Inc.
Part # ATLS1A103
Download  ATLS1A103 Download
File Size   708.5 Kbytes
Page   13 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Low Noise Constant Current Laser Controller

ATLS1A103 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATLS1A103 Datasheet PDF - Analog Technologies, Inc.

Part # ATLS1A103
Download  ATLS1A103 Click to download

File Size   708.5 Kbytes
Page   13 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Low Noise Constant Current Laser Controller

ATLS1A103 Datasheet (HTML) - Analog Technologies, Inc.


ATLS1A103 Product details

FEATURES
Ultra Low Noise: 5μAP-P @ 0.1Hz to 10Hz
High Current without Heat Sink: 500mA
High Absolute Accuracy: <0.1%
High Stability: <100ppm/°C
Programmable Current Limit
Complete Shielding
Compact Size
100 % Lead (Pb)-free and RoHS Compliant
DIP and SMT Packages Available

DESCRIPTION
The ATLS500MA103 is an electronic module designed for
driving diode lasers with up to 500mA low noise current.
Figure 1 shows physical photo of ATLS500MA103S. The
output voltage is 0.4V to VVPS − 1V when powered by a 5V
power supply.
When the maximum power consumed by the controller is
maintained to <1W, it does not require a heat sink to operate.
The controller has temperature compensation network so
that the output current maintains the same even as the
controller temperature rises.
In case the controller temperature exceeds a preset limit, 120°C,
the controller will be shut down by itself to prevent the
controller from being damaged by the over heat.
The output current of the can be set by an input voltage
linearly or modulated by an external large signal of up to
1MHz in bandwidth, resulting in a minimum 170nS rise and
fall times (Large signal) at the output current.
A highly stable low noise 2.5V reference voltage is provided
internally for setting the output current. This reference can also
be used as the voltage reference for external ADCs (Analog to
Digital Converters) and/or DACs (Digital to Analog
Converters) which are utilized for converting the analog signals,
such as LIO which represents the output current, into digital
signals, and/or converting the digital signals into analog ones
for setting the analog voltages, such as LIS which sets the
output current.
The ATLS500MA103 is packaged in a 6 sided metal enclosure,
which blocks EMIs (Electro-Magnetic Interferences) to prevent
the controller and other electronics from interfering each other.
This laser driver can be evaluated by our evaluation board,
ATLS1A103DEV1.0.
There are 2 packaging versions available: DIP through hole
package and surface mount type.




Similar Part No. - ATLS1A103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATLS1A103 ETC2-ATLS1A103 Datasheet
88Kb / 5P
Low Noise Constant Current Laser Driver
logo
Analog Technologies, In...
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
602Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
960Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
495Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
More results


Similar Description - ATLS1A103

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1.5A104 ANALOGTECHNOLOGIES-ATLS1.5A104 Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
602Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A104 ANALOGTECHNOLOGIES-ATLS1A104 Datasheet
960Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS100MA103 ANALOGTECHNOLOGIES-ATLS100MA103 Datasheet
495Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS100MA104 ANALOGTECHNOLOGIES-ATLS100MA104 Datasheet
1Mb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS200MA103 ANALOGTECHNOLOGIES-ATLS200MA103 Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS250MA103 ANALOGTECHNOLOGIES-ATLS250MA103 Datasheet
508Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS250MA106 ANALOGTECHNOLOGIES-ATLS250MA106 Datasheet
509Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
ATLS500MA104 ANALOGTECHNOLOGIES-ATLS500MA104 Datasheet
1Mb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS500MA106 ANALOGTECHNOLOGIES-ATLS500MA106 Datasheet
559Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com