Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSL518APG Datasheet (PDF) - ON Semiconductor

FSL518APG Datasheet PDF - ON Semiconductor
Part # FSL518APG
Download  FSL518APG Download
File Size   2258.3 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8W Auxiliary Power for White Goods and Industrial Equipment with FSL518APG

FSL518APG Datasheet (PDF)

Go To PDF Page Download Datasheet
FSL518APG Datasheet PDF - ON Semiconductor

Part # FSL518APG
Download  FSL518APG Click to download

File Size   2258.3 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8W Auxiliary Power for White Goods and Industrial Equipment with FSL518APG

FSL518APG Datasheet (HTML) - ON Semiconductor


FSL518APG Product details

Description
This user manual provides elementary information about an isolated
flyback with FSL518APG, it performs high efficiency and smaller
than 50 mW no−load power consumption. FSL518APG is an
integrated pulse width modulation (PWM) and 800 V power switch
with SENSEFET®, it can help to save external MOSFET and sense
resistor, increase power density and reliability. This application is
targeting auxiliary power supply for white goods and industrial
equipment, such as refrigerator, E−metering or similar types of
equipment.
The PWM controller includes an integrated variable frequency
oscillator, Under−Voltage Lockout (UVLO), Leading Edge Blanking
(LEB), optimized gate driver, internal soft−start, and temperature−
compensated precise current source for loop compensation and
self−protection circuitry. This design focuses mainly on the
FSL518APG current−mode PWM controller. Please refer to
FSL518APG’s materials to get more information about this device.
The FSL518APG is a current−mode PWM controller, it can have
better response to handle dynamic operation. Controller combines line
detection and burst−mode adjustment in one pin. It’s easy to achieve
these functionalities just need voltage divider and one Zener diode.
Line detection includes brown−in, brown−out and line OVP,
burst−mode adjustment is for fine tune audible noise and light load
efficiency. Of course, it also provides frequency reduction with
loading decreasing for gaining more design margin to improve light
load efficiency.

Key Features
• Integrated Rugged 800 V Super Junction
MOSFET with SENSEFET Technology
• Built−in HV Current Source for Start−up
• Peak−Current−Mode Control with Slope
Compensation
• Line Compensation for Maximum
Over−Power Limiting
• Advanced Soft−start for Low Electrical
Stress
• Peak−Current−Mode Control with Built−in
Slope Compensation
• Pulse−by−pulse Current Limit
• Line Brown−in, Brown−out,
and Over−Voltage Protection (LOVP)
• Adjustable Burst−mode Operation
• Frequency Hopping for Better EMI
• Various Protections:
♦ Auto Restart Mode: Brown−out, OLP,
OVP, AOCP and TSD
♦ Recovery Immediately by Triggering
Level: LOVP




Similar Part No. - FSL518APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSL518APG ONSEMI-FSL518APG Datasheet
1Mb / 27P
High Performance Switcher Integrated with HV Startup and SENSEFET
July, 2019 ??Rev. 2
More results


Similar Description - FSL518APG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
Power Supply Connectors For Industrial Equipment
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
November 2000
logo
Power Integrations, Inc...
DI-138 POWERINT-DI-138 Datasheet
159Kb / 2P
1.2 W, Non-isolated Dual Output Supply for White Goods
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
Power Supply Connectors For Industrial Equipment
logo
STMicroelectronics
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
Dual step-down controller with auxiliary voltages for industrial system power
24-Feb-2009
logo
TE Connectivity Ltd
PCB-REL TEC-PCB-REL Datasheet
234Kb / 2P
Especially suited for applications white goods consumer electronics, etc.
logo
OSRAM GmbH
KWDCLMS1.PC OSRAM-KWDCLMS1.PC Datasheet
1Mb / 25P
White Goods Lighting
logo
Hirose Electric
PX HIROSE-PX_18 Datasheet
387Kb / 8P
Power Supply Connectors For Industrial Equipment
logo
ON Semiconductor
NCP11187A65P45WGEVB ONSEMI-NCP11187A65P45WGEVB Datasheet
8Mb / 28P
45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com