Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3020 Datasheet (PDF) - Intersil Corporation

CA3020 Datasheet PDF - Intersil Corporation
Part # CA3020
Download  CA3020 Download
File Size   112.57 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8MHz Power Amps For Military, Industrial and Commercial Equipment

CA3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3020 Datasheet PDF - Intersil Corporation

Part # CA3020
Download  CA3020 Click to download

File Size   112.57 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8MHz Power Amps For Military, Industrial and Commercial Equipment

CA3020 Datasheet (HTML) - Intersil Corporation


CA3020 Product details

Description
The CA3020 and CA3020A are integrated-circuit, multi stage, multipurpose, wide-band power amplifiers on a single monolithic silicon chip. They employ a highly versatile and stable direct coupled circuit configuration featuring wide frequency range, high voltage and power gain, and high power output. These features plus inherent stability over a wide temperature range make the CA3020 and CA3020A extremely useful for a wide variety of applications in military, industrial, and commercial equipment.

Features
• High Power Output Class B Amplifier
    - CA3020 . . . . . . . . . . . . . . . . . . . . 0.5W (Typ) at VCC = 9V
    - CA3020A . . . . . . . . . . . . . . . . . . 1.0W (Typ) at VCC = 12V
• Wide Frequency Range . . Up to 8MHz with Resistive Loads
• High Power Gain. . . . . . . . . . . . . . . . . . . . . . . . . 75dB (Typ)
• Single Power Supply For Class B Operation With Transformer
    - CA3020 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 9V
    - CA3020A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 12V
• Built-In Temperature-Tracking Voltage Regulator Provides Stable Operation Over -55oC to 125°C Temperature Range

Applications
• AF Power Amplifiers For Portable and Fixed Sound and Communications Systems
• Servo-Control Amplifiers
• Wide-Band Linear Mixers
• Video Power Amplifiers
• Transmission-Line Driver Amplifiers (Balanced and Unbalanced)
• Fan-In and Fan-Out Amplifiers For Computer Logic Circuits
• Lamp-Control Amplifiers
• Motor-Control Amplifiers
• Power Multivibrators
• Power Switches




Similar Part No. - CA3020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3020 INTERSIL-CA3020 Datasheet
789Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
November 2000
CA3020A INTERSIL-CA3020A Datasheet
789Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
November 2000
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
November 2000
More results


Similar Description - CA3020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
CA0555 HARRIS-CA0555 Datasheet
79Kb / 6P
Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
November 2000
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
May 2001
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com