Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA555 Datasheet (PDF) - Intersil Corporation

CA555 Datasheet PDF - Intersil Corporation
Part # CA555
Download  CA555 Download
File Size   84.95 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment

CA555 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA555 Datasheet PDF - Intersil Corporation

Part # CA555
Download  CA555 Click to download

File Size   84.95 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment

CA555 Datasheet (HTML) - Intersil Corporation


CA555 Product details

The CA555 and CA555C are highly stable timers for use in precision timing and oscillator applications. As timers, these monolithic integrated circuits are capable of producing accurate time delays for periods ranging from microseconds through hours. These devices are also useful for astable oscillator operation and can maintain an accurately controlled free running frequency and duty cycle with only two external resistors and one capacitor.



Features

• Accurate Timing From Microseconds Through Hours

• Astable and Monostable Operation

• Adjustable Duty Cycle

• Output Capable of Sourcing or Sinking up to 200mA

• Output Capable of Driving TTL Devices

• Normally ON and OFF Outputs

• High Temperature Stability . . . . . . . . . . . . . . . . 0.005%/oC

• Directly Interchangeable with SE555, NE555, MC1555, and MC1455



Applications

• Precision Timing

• Sequential Timing

• Time Delay Generation

• Pulse Generation

• Pulse Detector

• Pulse Width and Position Modulation




Similar Part No. - CA555

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA555 HARRIS-CA555 Datasheet
79Kb / 6P
Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
CA555 HARRIS-CA555 Datasheet
65Kb / 6P
Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA555C HARRIS-CA555C Datasheet
79Kb / 6P
Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
CA555C HARRIS-CA555C Datasheet
65Kb / 6P
Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
More results


Similar Description - CA555

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA0555 HARRIS-CA0555 Datasheet
79Kb / 6P
Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
8MHz Power Amps For Military, Industrial and Commercial Equipment
November 2000
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
May 2001
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com