Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273590 Datasheet (PDF) - PHOENIX CONTACT

3273590 Datasheet PDF - PHOENIX CONTACT
Part # 3273590
Download  3273590 Download
File Size   496.2 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X4-NS35-FE

3273590 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273590 Datasheet PDF - PHOENIX CONTACT

Part # 3273590
Download  3273590 Click to download

File Size   496.2 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X4-NS35-FE

3273590 Datasheet (HTML) - PHOENIX CONTACT


3273590 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Block with vertical alignment, nom. voltage: 800V, nominal current: 32 A, connection method: Push-in connection, cross section: 0.2 mm2 - 6 mm 2, mounting type: NS 35/7,5, NS 35/15, color: black/yellow

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Clear wiring, thanks to eleven different color variants
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting




Similar Part No. - 3273590

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273592 PHOENIX-3273592 Datasheet
270Kb / 10P
PTFIX 10/6X4-NS35 GY - Distribution block
3273594 PHOENIX-3273594 Datasheet
498Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 BU
3273596 PHOENIX-3273596 Datasheet
500Kb / 20P
Distribution block - PTFIX 10/6X4-NS35 RD
Jun 29, 2022
3273598 PHOENIX-3273598 Datasheet
498Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 YE
More results


Similar Description - 3273590

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273570 PHOENIX-3273570 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-NS35 GY
3273576 PHOENIX-3273576 Datasheet
70Kb / 4P
Distribution block - PTFIX 18X4-NS35 YE
3273582 PHOENIX-3273582 Datasheet
70Kb / 4P
Distribution block - PTFIX 18X4-NS35 WH
3273584 PHOENIX-3273584 Datasheet
70Kb / 4P
Distribution block - PTFIX 18X4-NS35 BK
3273588 PHOENIX-3273588 Datasheet
70Kb / 4P
Distribution block - PTFIX 18X4-NS35 OG
3273580 PHOENIX-3273580 Datasheet
485Kb / 20P
Distribution block - PTFIX 18X4-NS35 BN
Jun 23, 2022
3273586 PHOENIX-3273586 Datasheet
485Kb / 20P
Distribution block - PTFIX 18X4-NS35 VT
Jun 22, 2022
3273572 PHOENIX-3273572 Datasheet
485Kb / 20P
Distribution block - PTFIX 18X4-NS35 BU
Jun 7, 2022
3273656 PHOENIX-3273656 Datasheet
488Kb / 19P
Distribution block - PTFIX 10/18X4-NS35-FE
Jul 29, 2022
3273854 PHOENIX-3273854 Datasheet
568Kb / 22P
Distribution block - PTFIX 18X4-FE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com