Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273656 Datasheet (PDF) - PHOENIX CONTACT

3273656 Datasheet PDF - PHOENIX CONTACT
Part # 3273656
Download  3273656 Download
File Size   488.49 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4-NS35-FE

3273656 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273656 Datasheet PDF - PHOENIX CONTACT

Part # 3273656
Download  3273656 Click to download

File Size   488.49 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/18X4-NS35-FE

3273656 Datasheet (HTML) - PHOENIX CONTACT


3273656 Product details

Distribution block, connection method: Push-in connection, Line contact, Rated cross section: 10
mm2, cross section: 0.5 mm2 - 10 mm2, Push-in connection, Load contact, cross section: 0.2 mm
2 - 6 mm2, mounting type: NS 35/7,5, NS 35/15, color: black/yellow

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Clear wiring, thanks to eleven different color variants




Similar Part No. - 3273656

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273650 PHOENIX-3273650 Datasheet
476Kb / 20P
Distribution block - PTFIX 10/18X4-NS35 BK
Jun 22, 2022
3273652 PHOENIX-3273652 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 VT
Sep 8, 2022
3273653 PHOENIX-3273653 Datasheet
478Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 PK
Nov 30, 2022
3273654 PHOENIX-3273654 Datasheet
478Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 OG
Jul 20, 2022
3273658 PHOENIX-3273658 Datasheet
479Kb / 20P
Distribution block - PTFIX 6X4-NS35A GY
Jun 2, 2022
More results


Similar Description - 3273656

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273640 PHOENIX-3273640 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 RD
Jun 3, 2022
3273644 PHOENIX-3273644 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 GN
Jun 2, 2022
3273648 PHOENIX-3273648 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 WH
Jun 2, 2022
3273636 PHOENIX-3273636 Datasheet
476Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 GY
May 13, 2022
3273590 PHOENIX-3273590 Datasheet
496Kb / 20P
Distribution block - PTFIX 18X4-NS35-FE
Jun 23, 2022
3273653 PHOENIX-3273653 Datasheet
478Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 PK
Nov 30, 2022
3273642 PHOENIX-3273642 Datasheet
477Kb / 19P
Distribution block - PTFIX 10/18X4-NS35 YE
Jul 20, 2022
3273646 PHOENIX-3273646 Datasheet
477Kb / 20P
Distribution block - PTFIX 10/18X4-NS35 BN
Jun 27, 2022
3273650 PHOENIX-3273650 Datasheet
476Kb / 20P
Distribution block - PTFIX 10/18X4-NS35 BK
Jun 22, 2022
3273920 PHOENIX-3273920 Datasheet
557Kb / 21P
Distribution block - PTFIX 10/18X4-FE
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com