Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV5308 Datasheet (PDF) - Supertex, Inc

HV5308 Datasheet PDF - Supertex, Inc
Part # HV5308
Download  HV5308 Download
File Size   462.66 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs

HV5308 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV5308 Datasheet PDF - Supertex, Inc

Part # HV5308
Download  HV5308 Click to download

File Size   462.66 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs

HV5308 Datasheet (HTML) - Supertex, Inc


HV5308 Product details

General Description
The HV5308B is a low voltage serial to high voltage parallel converter with push-pull outputs. This device has been designed for use as a driver for AC-electroluminescent displays. It can also be used in any application requiring multiple output high voltage current sourcing and sinking capabilities, such as driving plasma panels, vacuum fluorescent, or large matrix LCD displays.

Features
► Processed with HVCMOS® technology
► Low power level shifting
► Source/sink current minimum 20mA
► Shift register speed 8.0MHz
► Latched data outputs
► CMOS compatible inputs
► Forward and reverse shifting options
► Diode to VPP allows effcient power recovery




Similar Part No. - HV5308

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
logo
Microchip Technology
HV5308 MICROCHIP-HV5308 Datasheet
330Kb / 17P
32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV5308B SUTEX-HV5308B Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308DJ SUTEX-HV5308DJ Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Similar Description - HV5308

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9708 SUTEX-HV9708 Datasheet
449Kb / 5P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com