Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV5408 Datasheet (PDF) - Supertex, Inc

HV5408 Datasheet PDF - Supertex, Inc
Part # HV5408
Download  HV5408 Download
File Size   462.66 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs

HV5408 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV5408 Datasheet PDF - Supertex, Inc

Part # HV5408
Download  HV5408 Click to download

File Size   462.66 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs

HV5408 Datasheet (HTML) - Supertex, Inc


HV5408 Product details

General Description
The HV5308B is a low voltage serial to high voltage parallel converter with push-pull outputs. This device has been designed for use as a driver for AC-electroluminescent displays. It can also be used in any application requiring multiple output high voltage current sourcing and sinking capabilities, such as driving plasma panels, vacuum fluorescent, or large matrix LCD displays.

Features
► Processed with HVCMOS® technology
► Low power level shifting
► Source/sink current minimum 20mA
► Shift register speed 8.0MHz
► Latched data outputs
► CMOS compatible inputs
► Forward and reverse shifting options
► Diode to VPP allows effcient power recovery




Similar Part No. - HV5408

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408 SUTEX-HV5408 Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
logo
Microchip Technology
HV5408 MICROCHIP-HV5408 Datasheet
330Kb / 17P
32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV5408B SUTEX-HV5408B Datasheet
999Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408DJ SUTEX-HV5408DJ Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5408PG SUTEX-HV5408PG Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Similar Description - HV5408

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9708 SUTEX-HV9708 Datasheet
449Kb / 5P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com