Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4621 Datasheet (PDF) - Analog Devices

ADN4621 Datasheet PDF - Analog Devices
Part # ADN4621
Download  ADN4621 Download
File Size   2588.2 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator

ADN4621 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4621 Datasheet PDF - Analog Devices

Part # ADN4621
Download  ADN4621 Click to download

File Size   2588.2 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator

ADN4621 Datasheet (HTML) - Analog Devices


ADN4621 Product details

GENERAL DESCRIPTION
The ADN4620/ADN46211 are dual-channel, signal isolated, low
voltage differential signaling (LVDS) buffers that operate at up to
2.5 Gbps with very low jitter. The devices integrate Analog Devices,
Inc., iCoupler® technology, enhanced for high speed operation
to provide drop-in galvanic isolation of LVDS signal chains. AC
coupling and/or level shifting to the LVDS receivers and from the
LVDS drivers allows isolation of other high speed signals, such as
current mode logic (CML).
The ADN4620/ADN4621 include a refresh mechanism to monitor
the input and output states and ensure that they remain the same
in the absence of data transitions (for example, at power-on). For
lower power consumption and high speed operation with low jitter,
the isolator circuits rely on 1.8 V supplies, while 3.3 V supplies are
used for LVDS receivers to support the full common-mode range
with an input voltage range (input common mode plus differential
input voltage) of 0 V to 2.4 V per Table 2.
The devices are fully specified over a wide industrial temperature
range and are available in a compact SSOP package with 5.3 mm
creepage (for reinforced insulation at ac mains voltages).

FEATURES
► 3.75 kV rms LVDS isolators
► Complies with TIA/EIA-644-A LVDS signal levels
► Dual-channel configuration (ADN4620: 2 + 0, ADN4621: 1 + 1)
► Any data rate up to 2.5 Gbps switching with low jitter
► 5 Gbps total bandwidth across two channels
► 2.15 ns typical propagation delay
► Typical jitter: 0.82 ps rms random, 40 ps total peak-to-peak
► Lower power 1.8 V supplies with 3.3 V supplies for I/O
► ±7 kV IEC 61000-4-2 ESD protection across isolation barrier
► High common-mode transient immunity: 70 kV/μs typical
► Safety and regulatory approvals (20-lead SSOP package)
► UL (pending): 3750 V rms for 1 minute per UL 1577
► CSA Component Acceptance Notice 5A (pending)
► VDE certificate of conformity, reinforced insulation (pending)
► DIN V VDE V 0884-11 (VDE V 0884-11):2017-01
► VIORM = 1500 VPEAK (maximum working insulation voltage)
► Enable or disable refresh (low speed output correctness check)
► Operating temperature range: −40°C to +125°C
► Compact SSOP package with 5.3 mm creepage

APPLICATIONS
► Analog front-end isolation
► Data plane isolation
► Isolated high speed clock and data links
► Multigigabit serialization/deserialization (SERDES)
► PCB-to-PCB optical replacement (for example, short reach fiber)




Similar Part No. - ADN4621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4620BRSZ AD-ADN4620BRSZ Datasheet
1Mb / 9P
Evaluating the ADN4620/ADN4621 3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolators
Rev. 0
ADN4622 AD-ADN4622 Datasheet
3Mb / 27P
5.7 kV rms/1.5 kV rms, Quad-Channel LVDS 2.5 Gigabit Isolators
Rev. B
ADN4622BRNZ AD-ADN4622BRNZ Datasheet
3Mb / 27P
5.7 kV rms/1.5 kV rms, Quad-Channel LVDS 2.5 Gigabit Isolators
Rev. B
ADN4622BRNZ-RL AD-ADN4622BRNZ-RL Datasheet
3Mb / 27P
5.7 kV rms/1.5 kV rms, Quad-Channel LVDS 2.5 Gigabit Isolators
Rev. B
ADN4624 AD-ADN4624 Datasheet
3Mb / 20P
5.7 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
4/2021-Revision 0
More results


Similar Description - ADN4621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADUM110N AD-ADUM110N Datasheet
319Kb / 16P
3.0 kV RMS, Single-Channel Digital Isolator
Rev. 0
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADN4624 AD-ADN4624 Datasheet
3Mb / 20P
5.7 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
4/2021-Revision 0
ADN4624 AD-ADN4624_V01 Datasheet
3Mb / 23P
5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
EVAL-ADN4620 AD-EVAL-ADN4620 Datasheet
1Mb / 9P
Evaluating the ADN4620/ADN4621 3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolators
Rev. 0
ADN4622 AD-ADN4622 Datasheet
3Mb / 27P
5.7 kV rms/1.5 kV rms, Quad-Channel LVDS 2.5 Gigabit Isolators
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com