Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4621 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 3 Page - Analog Devices

  ADN4621 Datasheet HTML 1Page - Analog Devices ADN4621 Datasheet HTML 2Page - Analog Devices ADN4621 Datasheet HTML 3Page - Analog Devices ADN4621 Datasheet HTML 4Page - Analog Devices ADN4621 Datasheet HTML 5Page - Analog Devices ADN4621 Datasheet HTML 6Page - Analog Devices ADN4621 Datasheet HTML 7Page - Analog Devices ADN4621 Datasheet HTML 8Page - Analog Devices ADN4621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADN4620/ADN4621
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 24
For all minimum and maximum specifications, VDD1 = 1.7 V to 1.9 V, VDD2 = 1.7 V to 1.9 V, VIO1 = 3 V to 3.6 V, VIO2 = 3 V to 3.6 V and TA
= −40°C to +125°C, unless otherwise noted. For all typical specifications, VDD1 = VDD2 = 1.8 V, VIO1 = VIO2 = 3.3 V, and TA = 25°C. For all
specifications, REFRESH1 = GND1 and REFRESH2 = GND2, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INPUTS (RECEIVERS)
Input Threshold
See Figure 33 and Table 2
High
VTH
100
mV
Low
VTL
−100
mV
Differential Input Voltage
|VID|
100
mV
See Figure 33 and Table 2
Input Common-Mode Voltage
VIC
0.5|VID|
2.4 − 0.5|VID|
V
See Figure 33 and Table 2
Input Current, High and Low
IIH, IIL
−5
+5
µA
DINx± = 2.4 V or 0 V, other input = 1.2 V, VDDx = 1.8 V or 0 V
Differential Input Capacitance1
CINx±
1.7
pF
One DINx± = 0.4 sin(30 × 106πt) V + 0.5 V, other DINx± = 1.2 V2
LOGIC INPUTS
VDDx = VDD1 for REFRESH1, VDDx = VDD2 for REFRESH2
Input High Voltage
VINH
0.65 VDDx
V
Input Low Voltage
VINL
0.35 VDDx
V
Input Current High
|IINH|
1
μA
REFRESHx = VDDx
25
μA
REFRESHx = 1.9 V, VDDx = 0 V
Input Current Low
|IINL|
16
μA
REFRESHx = 0 V
OUTPUTS (DRIVERS)
Differential Output Voltage
|VOD|
250
310
450
mV
See Figure 31 and Figure 32, load resistance (RL) = 100 Ω
VOD Magnitude Change
Δ|VOD|
50
mV
See Figure 31 and Figure 32, RL = 100 Ω
Offset Voltage
VOS
1.125
1.17
1.375
V
See Figure 31, RL = 100 Ω
VOS Magnitude Change
ΔVOS
50
mV
See Figure 31, RL = 100 Ω
VOS, Peak-to-Peak1
VOS(p-p)
150
mV
See Figure 31, RL = 100 Ω
Output Short-Circuit Current
IOS
−20
mA
DOUTx± = 0 V
12
mA
|VOD| = 0 V
Differential Output Capacitance1
COUTx±
5
pF
One DOUTx± = 0.4 sin(30 × 106πt) V + 0.5 V, other DOUTx± = 1.2
V, VDD1 or VDD2 = 0 V
ADN4620 SUPPLY CURRENT
All channels, 100 Ω across inputs DINx±, |VID| = 200 mV
Supply Current Side 1
IDD1
65
80
mA
Frequency (f) = 1.25 GHz
Supply Current Side 2
IDD2
55
65
mA
f = 1.25 GHz, RL = 100 Ω
48
55
mA
f = 1.25 GHz, RL = 100 Ω, REFRESH2 = VDD2
VIO1 Supply
IIO1
11
14
mA
f = 1.25 GHz
ADN4621 SUPPLY CURRENT
All channels, 100 Ω across inputs DINx±, |VID| = 200 mV
Supply Current Side 1 or Side 2
IDD1 or IDD2
VDDx = VDD1 for REFRESH1, VDDx = VDD2 for REFRESH2
65
75
mA
f = 1.25 GHz, RL = 100 Ω
54
63
mA
f = 1.25 GHz, RL = 100 Ω, REFRESHx = VDDx
VIO1 or VIO2 Supply
IIO1 or IIO2
5.5
7
mA
f = 1.25 GHz
COMMON-MODE TRANSIENT
IMMUNITY3
|CM|
35
70
kV/µs
Common-mode voltage (VCM) = 1000 V, transient magnitude =
800 V
1 These specifications are guaranteed by design and characterization.
2 t denotes time.
3 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining any DOUTx+ or DOUTx− pin in the same state as the corresponding DINx+
or DINx− pin (no change in output) or producing the expected transition on any DOUTx+ or DOUTx− pin if the applied common-mode transient edge is coincident with a data
transition on the corresponding DINx+ or DINx− pin. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com