Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4621 Datasheet(PDF) 13 Page - Analog Devices

Part # ADN4621
Description  3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4621 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADN4621 Datasheet HTML 9Page - Analog Devices ADN4621 Datasheet HTML 10Page - Analog Devices ADN4621 Datasheet HTML 11Page - Analog Devices ADN4621 Datasheet HTML 12Page - Analog Devices ADN4621 Datasheet HTML 13Page - Analog Devices ADN4621 Datasheet HTML 14Page - Analog Devices ADN4621 Datasheet HTML 15Page - Analog Devices ADN4621 Datasheet HTML 16Page - Analog Devices ADN4621 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADN4620/ADN4621
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 24
VDD1 = VDD2 = 1.8 V, TA = 25°C, REFRESH1 = GND1, REFRESH2 = GND2, RL = 100 Ω, 1.25 GHz clock input with |VID| = 200 mV, VIC = 1.2 V,
and tR and tF < 0.05 ns, unless otherwise noted.
Figure 6. Supply Current vs. Input Clock Frequency, ADN4620
Figure 7. Supply Current vs. Input Data Rate, 223 − 1 PRBS, ADN4620
Figure 8. Supply Current vs. Ambient Temperature, ADN4620
Figure 9. Supply Current vs. Input Clock Frequency, ADN4621
Figure 10. Supply Current vs. Input Data Rate, 223 − 1 PRBS, ADN4621
Figure 11. Supply Current vs. Ambient Temperature, ADN4621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com