Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL359 Datasheet (PDF) - Analog Devices

ADXL359 Datasheet PDF - Analog Devices
Part # ADXL359
Download  ADXL359 Download
File Size   1632.21 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Low Drift, Low Power 3-Axis MEMS Accelerometer

ADXL359 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL359 Datasheet PDF - Analog Devices

Part # ADXL359
Download  ADXL359 Click to download

File Size   1632.21 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Low Drift, Low Power 3-Axis MEMS Accelerometer

ADXL359 Datasheet (HTML) - Analog Devices


ADXL359 Product details

GENERAL DESCRIPTION
The digital output ADXL3591 is a low noise density, low 0 g offset
drift, low power, 3-axis microelectromechanical system (MEMS)
accelerometer with selectable measurement ranges. The ADXL359
supports the ±10 g, ±20 g, and ±40 g ranges.
The ADXL359 offers industry leading noise, minimal offset drift over
temperature, and long-term stability, enabling precision applications
with minimal calibration.
The low drift, low noise, and low power ADXL359 enables accurate
tilt measurement in an environment with high vibration, such as
airborne inertial measurement units (IMUs). The low noise over
higher frequencies is ideal for wireless condition monitoring.
The ADXL359 multifunction pin names may be referenced only by
their relevant function for either the serial peripheral interface (SPI)
or limited I2C interface.

FEATURES
► 0 g offset vs. temperature (all axes): 0.45 mg/°C typical
► Ultralow noise density (all axes): 80 μg/√Hz
► Low power, VSUPPLY (LDO enabled)
► In measurement mode: 200 μA
► In standby mode: 21 μA
► Digital output features
► Digital SPI and limited I2C interfaces supported
► 20-bit ADC
► Data interpolation routine for synchronous sampling
► Programmable high-pass and low-pass digital filters
► Integrated temperature sensor
► Voltage range options
► VSUPPLY with internal regulators: 2.25 V to 3.6 V
► V1P8ANA, V1P8DIG with internal LDO regulator bypassed: 1.8 V
typical ± 10%
► Operating temperature range: −40°C to +125°C
► 14-terminal, 4 mm × 4 mm × 1.04 mm, LGA package

APPLICATIONS
► IMUs and altitude and heading reference systems (AHRSs)
► Platform stabilization systems
► Vibration sensing
► Structural health monitoring
► Tilt sensing
► Robotics
► Condition monitoring




Similar Part No. - ADXL359

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
9/12-Revision 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
9/12-Revision 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
9/12-Revision 0
More results


Similar Description - ADXL359

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
3/06-Revision 0
logo
STMicroelectronics
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
logo
Analog Devices
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
4/2018-Revision 0
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
8/2018-Revision 0
ADXL356 AD-ADXL356 Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
1/2018-Revision 0
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
logo
Analog Devices
ADXL358 AD-ADXL358 Datasheet
1Mb / 16P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com