Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3LIS200DL Datasheet (PDF) - STMicroelectronics

H3LIS200DL Datasheet PDF - STMicroelectronics
Part # H3LIS200DL
Download  H3LIS200DL Download
File Size   665.67 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor: low-power high-g 3-axis digital accelerometer

H3LIS200DL Datasheet (PDF)

Go To PDF Page Download Datasheet
H3LIS200DL Datasheet PDF - STMicroelectronics

Part # H3LIS200DL
Download  H3LIS200DL Click to download

File Size   665.67 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor: low-power high-g 3-axis digital accelerometer

H3LIS200DL Datasheet (HTML) - STMicroelectronics


H3LIS200DL Product details

Description
The H3LIS200DL is a low-power highperformance 3-axis linear accelerometer belonging to the “nano” family, with digital I2C/SPI serial interface standard output. The device features ultra-low-power operational modes that allow advanced power saving and smart sleep-to-wakeup functions. The H3LIS200DL has dynamically userselectable full scales of ±100g/±200g and is capable of measuring accelerations with output data rates from 0.5 Hz to 1 kHz. The H3LIS200DL is available in a small thin plastic land grid array package (LGA) and is guaranteed to operate over an extended temperature range from -40 °C to +85 °C. TFLGA 3x3x1.0 mm3 16L




Similar Part No. - H3LIS200DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
H3LIS100DL STMICROELECTRONICS-H3LIS100DL Datasheet
666Kb / 38P
8-bit data output
21-Apr-2015
H3LIS100DLTR STMICROELECTRONICS-H3LIS100DLTR Datasheet
666Kb / 38P
8-bit data output
21-Apr-2015
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
H3LIS331DLTR STMICROELECTRONICS-H3LIS331DLTR Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
More results


Similar Description - H3LIS200DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
MEMS inertial sensor 3-axis, low g accelerometer with digital output
20-Aug-2008
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2IH STMICROELECTRONICS-AIS2IH Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
Rev 4
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
20-Jun-2019
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com