Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DHH Datasheet (PDF) - STMicroelectronics

LIS3DHH Datasheet PDF - STMicroelectronics
Part # LIS3DHH
Download  LIS3DHH Download
File Size   641.28 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor three-axis digital output accelerometer

LIS3DHH Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS3DHH Datasheet PDF - STMicroelectronics

Part # LIS3DHH
Download  LIS3DHH Click to download

File Size   641.28 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor three-axis digital output accelerometer

LIS3DHH Datasheet (HTML) - STMicroelectronics


LIS3DHH Product details

Features
 3-axis, ±2.5 g full-scale
 Ultra-low noise performance: 45 μg/√Hz
 Excellent stability over temperature
(<0.4 mg/°C) and time
 16-bit data output
 SPI 4-wire digital output interface
 Embedded temperature sensor
 12-bit temperature data output
 Embedded FIFO (depth 32 levels)
 High shock survivability
 Extended operating temperature range
(-40 °C to +85 °C)
 ECOPACK®, RoHS and “Green” compliant

Description
The LIS3DHH is an ultra-high-resolution and lownoise
three-axis linear accelerometer.
The LIS3DHH has a full scale of 2.5 g and is
capable of providing the measured accelerations
to the application through an SPI 4-wire digital
interface.
The sensing element is manufactured using a
dedicated micromachining process developed by
STMicroelectronics to produce inertial sensors
and actuators on silicon wafers.
The IC interface is manufactured using a CMOS
process that allows a high level of integration to
design a dedicated circuit which is trimmed to
better match the characteristics of the sensing
element.
The LIS3DHH is available in a high-performance
(low-stress) ceramic cavity land grid array (CC
LGA) package and can operate within a
temperature range of -40 °C to +85 °C.

Applications
 Precision inclinometer
 Platform and antenna stabilization
 Leveling instruments




Similar Part No. - LIS3DHH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
ultra low-power high performance 3-axes ?쐍ano??accelerometer
21-May-2010
LIS3DHTR STMICROELECTRONICS-LIS3DHTR Datasheet
701Kb / 42P
ultra low-power high performance 3-axes ?쐍ano??accelerometer
21-May-2010
More results


Similar Description - LIS3DHH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS202DL STMICROELECTRONICS-LIS202DL Datasheet
332Kb / 36P
MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
11-Jun-2007
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope
11-Feb-2010
L3G4200D_1012 STMICROELECTRONICS-L3G4200D_1012 Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
MEMS motion sensor: three-axis digital output gyroscope
18-Aug-2011
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
MEMS motion sensor: three-axis digital output gyroscope
05-Mar-2013
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
28-Jun-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com