Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DH Datasheet (PDF) - STMicroelectronics

LIS3DH Datasheet PDF - STMicroelectronics
Part # LIS3DH
Download  LIS3DH Download
File Size   701.59 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ultra low-power high performance 3-axes ?쐍ano??accelerometer

LIS3DH Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS3DH Datasheet PDF - STMicroelectronics

Part # LIS3DH
Download  LIS3DH Click to download

File Size   701.59 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ultra low-power high performance 3-axes ?쐍ano??accelerometer

LIS3DH Datasheet (HTML) - STMicroelectronics


LIS3DH Product details

Description

The LIS3DH is an ultra low-power high performance three axes linear accelerometer belonging to the “nano” family, with digital I2C/SPI serial interface standard output. The device features ultra low-power operational modes that allow advanced power saving and smart embedded functions.



Features

■ Wide supply voltage, 1.71 V to 3.6 V

■ Independent IOs supply (1.8 V) and supply voltage compatible

■ Ultra low-power mode consumption down to 2 µA

■ ±2g/±4g/±8g/±16gdynamically selectable full scale

■ I2C/SPI digital output interface

■ 16 bit data output

■ 2 independent programmable interrupt generators for free-fall and motion detection

■ 6D/4D orientation detection

■ Free-fall detection

■ Motion detection

■ Embedded temperature sensor

■ Embedded self-test

■ Embedded 96 levels of 16 bit data output FIFO

■ 10000 ghigh shock survivability

■ ECOPACK® RoHS and “Green” compliant




Similar Part No. - LIS3DH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Similar Description - LIS3DH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
04-Jun-2009
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331DLM STMICROELECTRONICS-LIS331DLM Datasheet
690Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
LIS331HH STMICROELECTRONICS-LIS331HH Datasheet
684Kb / 37P
MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
05-Oct-2009
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
High-performance ultra low-power 3-axis accelerometer
13-Apr-2012
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
ultra-low-power high-performance 3-axis accelerometer
03-Sep-2015
logo
Bosch Sensortec GmbH
BMA400 BOSCH-BMA400 Datasheet
4Mb / 126P
3-axes ultra-low power accelerometer
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com